Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N60L-T2Q-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 4N60L-T2Q-T
Description  4A, 600V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N60L-T2Q-T Datasheet(HTML) 4 Page - Unisonic Technologies

  4N60L-T2Q-T Datasheet HTML 1Page - Unisonic Technologies 4N60L-T2Q-T Datasheet HTML 2Page - Unisonic Technologies 4N60L-T2Q-T Datasheet HTML 3Page - Unisonic Technologies 4N60L-T2Q-T Datasheet HTML 4Page - Unisonic Technologies 4N60L-T2Q-T Datasheet HTML 5Page - Unisonic Technologies 4N60L-T2Q-T Datasheet HTML 6Page - Unisonic Technologies 4N60L-T2Q-T Datasheet HTML 7Page - Unisonic Technologies 4N60L-T2Q-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-061,Q
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
-
+
Peak Diode Recovery dv/dt Test Circuit
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
VGS=
P.W.
Period
Peak Diode Recovery dv/dt Waveforms


Similar Part No. - 4N60L-T2Q-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60L-T2Q-T UTC-4N60L-T2Q-T Datasheet
408Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
4N60L-T2Q-T UTC-4N60L-T2Q-T Datasheet
432Kb / 9P
   N-CHANNEL ENHANCEMENT MODE MOSFET
4N60L-T2Q-T UTC-4N60L-T2Q-T Datasheet
262Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
4N60L-T2Q-T UTC-4N60L-T2Q-T Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
4N60L-T2Q-T UTC-4N60L-T2Q-T Datasheet
262Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 4N60L-T2Q-T

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4N60 AMS-AMS4N60 Datasheet
499Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N60K UTC-4N60K Datasheet
367Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
   600V, 4A, N-Channel Power MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60_14 Datasheet
408Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
4N60Z UTC-4N60Z Datasheet
359Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
   600V,4A N-Channel MOSFET
logo
Shenzhen Luguang Electr...
4N60P LUGUANG-4N60P Datasheet
937Kb / 4P
   600V 4A N-Channel MOSFET
Revision:20170701-P1
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
   600V, 4A N-Channel MOSFET
AOD4N60 AOSMD-AOD4N60 Datasheet
539Kb / 6P
   600V,4A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com