Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5N50G-TF3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 5N50G-TF3-T
Description  5A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N50G-TF3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  5N50G-TF3-T Datasheet HTML 1Page - Unisonic Technologies 5N50G-TF3-T Datasheet HTML 2Page - Unisonic Technologies 5N50G-TF3-T Datasheet HTML 3Page - Unisonic Technologies 5N50G-TF3-T Datasheet HTML 4Page - Unisonic Technologies 5N50G-TF3-T Datasheet HTML 5Page - Unisonic Technologies 5N50G-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-476.e
TEST CIRCUITS AND WAVEFORMS(Cont.)
VDS
+
-
DUT
RG
dv/dt controlled by RG
ISD controlled by pulse period
VDD
Same Type
as DUT
ISD
VGS
L
Driver
Peak Diode Recovery dv/dt Test Circuit & Waveforms
VGS
(Driver)
ISD
(DUT)
VDS
(DUT)
D=
Gate Pulse Width
Gate Pulse Period
10V
di/dt
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
VDD
VSD
Body Diode Forward
Voltage Drop
IFM, Body Diode Forward Current


Similar Part No. - 5N50G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N50G-TF3-T UTC-5N50G-TF3-T Datasheet
177Kb / 6P
   500V N-CHANNEL POWER MOSFET
5N50G-TF3-T UTC-5N50G-TF3-T Datasheet
235Kb / 6P
   N-CHANNEL POWER MOSFET
5N50G-TF3-T UTC-5N50G-TF3-T Datasheet
258Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 5N50G-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N50K UTC-5N50K Datasheet
215Kb / 6P
   5A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT5N50 AOSMD-AOT5N50 Datasheet
147Kb / 6P
   500V, 5A N-Channel MOSFET
logo
List of Unclassifed Man...
FQP5N50 ETC-FQP5N50 Datasheet
222Kb / 6P
   500V, 5A N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD5N50 AOSMD-AOD5N50 Datasheet
289Kb / 6P
   500V,5A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
   N-Channel Power MOSFET 500V, 5A, 1.5廓
logo
Jiangsu Donghai Semicon...
830 WXDH-830 Datasheet
1Mb / 12P
   5A 500V N-channel Enhancement Mode Power MOSFET
830WB WXDH-830WB Datasheet
1Mb / 12P
   5A 500V N-channel Enhancement Mode Power MOSFET
logo
First Silicon Co., Ltd
FTK830P FS-FTK830P Datasheet
262Kb / 8P
   5A, 500V, 1.5 廓, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com