Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5N80_1108 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 5N80_1108
Description  5A, 800V N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N80_1108 Datasheet(HTML) 5 Page - Unisonic Technologies

  5N80_1108 Datasheet HTML 1Page - Unisonic Technologies 5N80_1108 Datasheet HTML 2Page - Unisonic Technologies 5N80_1108 Datasheet HTML 3Page - Unisonic Technologies 5N80_1108 Datasheet HTML 4Page - Unisonic Technologies 5N80_1108 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5N80
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-483.d
TEST CIRCUITS AND WAVEFORMS(Cont.)
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
Switching Test Circuit
Switching Waveforms
10V
Charge
QGS
QGD
QG
VGS
Gate Charge Test Circuit
Gate Charge Waveform
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 5N80_1108

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N80 UTC-5N80_15 Datasheet
248Kb / 7P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
logo
Inchange Semiconductor ...
5N80 ISC-5N80_18 Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 5N80_1108

ManufacturerPart #DatasheetDescription
logo
Rohm
R8005ANX ROHM-R8005ANX Datasheet
901Kb / 15P
   Nch 800V 5A Power MOSFET
logo
STMicroelectronics
STB5NB80 STMICROELECTRONICS-STB5NB80 Datasheet
87Kb / 8P
   N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET
logo
Rohm
R8005ANJ ROHM-R8005ANJ Datasheet
995Kb / 14P
   Nch 800V 5A Power MOSFET
R8005ANJFRG ROHM-R8005ANJFRG Datasheet
1Mb / 14P
   Nch 800V 5A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
   800V N-Channel Power MOSFET
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
   800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
   800V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com