Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILD615-4 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # ILD615-4
Description  PHOTOTRANSISTOR OPTOCOUPLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILD615-4 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  ILD615-4 Datasheet HTML 1Page - Siemens Semiconductor Group ILD615-4 Datasheet HTML 2Page - Siemens Semiconductor Group ILD615-4 Datasheet HTML 3Page - Siemens Semiconductor Group ILD615-4 Datasheet HTML 4Page - Siemens Semiconductor Group ILD615-4 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5–1
FEATURES
• Identical Channel to Channel Footprint
• Current Transfer Ratio (CTR) Range at
IF=10 mA
ILD/Q615-1: 40 – 80% Min.
ILD/Q615-2: 63 – 125% Min.
ILD/Q615-3: 100 – 200% Min.
ILD/Q615-4: 160 – 320% Min.
• Guaranteed CTR at IF=1 mA
ILD/Q615-1: 13% Min.
ILD/Q615-2: 22% Min.
ILD/Q615-3: 34% Min.
ILD/Q615-4: 56% Min.
• High Collector-Emitter Voltage BVCEO=70 V
• Dual and Quad Packages Feature:
-
Reduced Board Space
-
Lower Pin and Parts Count
-
Better Channel to Channel CTR Match
-
Improved Common Mode Rejection
• Field-Effect Stable by TRIOS (TRansparent IOn
Shield)
• Isolation Test Voltage from Double Molded
Package, 5300 VACRMS
• UL Approval #E52744
• VDE #0884 Available with Option 1
Maximum Ratings (Each Channel)
Emitter
Reverse Voltage ................................................ 6 V
Forward Current ........................................... 60 mA
Surge Current .................................................1.5 A
Power Dissipation ...................................... 100 mW
Derate Linearly from 25
°C ...................1.33 mW/°C
Detector
Collector-Emitter Reverse Voltage .................. 70 V
Emitter-Collector Reverse Voltage .................... 7 V
Collector Current .......................................... 50 mA
Collector Current (t <1 ms) .........................100 mA
Power Dissipation ...................................... 150 mW
Derate Linearly from 25
°C........................ 2 mW/°C
Package
Storage Temperature................... –55
°C to +150°C
Operating Temperature ............... –55
°C to +100°C
Junction Temperature.................................... 100
°C
Soldering Temperature
(2 mm distance from case bottom) ........... 260
°C
Package Power Dissipation, ILD615.......... 400 mW
Derate Linearly from 25
°C..................5.33 mW/°C
Package Power Dissipation, ILQ615 ......... 500 mW
Derate Linearly from 25
°C................. 6.67 mW/°C
Isolation Test Voltage (t=1 sec.) ........ 5300 VACRMS
Creepage ............................................... 7 mm min.
Clearance............................................... 7 mm min.
Isolation Resistance
VIO=500 V, TA=25°C ............................... ≥10
12
VIO=500 V, TA=100°C ............................. ≥10
11
DESCRIPTION
The ILD/Q615 are multi-channel phototransistor optocouplers that use GaAs
IRLED emitters and high gain NPN phototransistors. These devices are con-
structed using over/under leadframe optical coupling and double molded
insulation technology resulting a Withstand Test Voltage of 7500 VACPEAK
and a Working Voltage of 1700 VACRMS.
The binned min./max. and linear CTR characteristics combined with the
TRIOS (TRansparent IOn Shield) field-effect process make these devices
well suited for DC or AC voltage detection. Eliminating the phototransistor
base connection provides added electrical noise immunity from the tran-
sients found in many industrial control environments.
Because of guaranteed maximum non-saturated and saturated switching
characteristics, the ILD/Q615 can be used in medium speed data I/O and
control systems. The binned min./max. CTR specification allow easy worst
case interface calculations for both level detection and switching applica-
tions. Interfacing with a CMOS logic is enhanced by the guaranteed CTR at
an IF=1 mA.
See Appnote 45, “How to Use Optocoupler Normalized Curves.”
Dimensions in inches (mm)
.268 (6.81)
.255 (6.48)
3
4
6
5
.390 (9.91)
.379 (9.63)
.045 (1.14)
.030 (.76)
4
°
Typ.
.100 (2.54) Typ.
10
° Typ.
3
°–9°
.305 Typ.
(7.75) Typ.
.022 (.56)
.018 (.46)
.012 (.30)
.008 (.20)
.135 (3.43)
.115 (2.92)
1
2
8
7
Pin One I.D.
.150 (3.81)
.130 (3.30)
.040 (1.02)
.030 (.76 )
1
2
3
4
8
7
6
5
Collector
Emitter
Collector
Emitter
Anode
Cathode
Anode
Cathode
Collector
Emitter
Collector
Emitter
Collector
Emitter
Collector
Emitter
Anode
Cathode
Anode
Cathode
Anode
Cathode
Anode
Cathode
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
.268 (6.81)
.255 (6.48)
.790 (20.07)
.779 (19.77 )
.045 (1.14)
.030 (.76)
4
°
Typ.
.100 (2.54) Typ.
10
° Typ.
3
°–9°
.305 Typ.
(7.75) Typ.
.022 (.56)
.018 (.46)
.012 (.30)
.008 (.20)
.135 (3.43)
.115 (2.92)
Pin
One
I.D.
.150 (3.81)
.130 (3.30)
.040 (1.02)
.030 (.76 )
DUAL CHANNEL
ILD615
QUAD CHANNEL
ILQ615
PHOTOTRANSISTOR OPTOCOUPLER


Similar Part No. - ILD615-4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD615-4 VISHAY-ILD615-4 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILD615-4 VISHAY-ILD615-4 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
ILD615-4 VISHAY-ILD615-4 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD615-4X001 VISHAY-ILD615-4X001 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD615-4X006 VISHAY-ILD615-4X006 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
More results

Similar Description - ILD615-4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
   Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.8, 09-Aug-2018
logo
QT Optoelectronics
MCT2E QT-MCT2E Datasheet
608Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
   PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com