Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5N80 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 5N80
Description  5A, 800V N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N80 Datasheet(HTML) 3 Page - Unisonic Technologies

  5N80 Datasheet HTML 1Page - Unisonic Technologies 5N80 Datasheet HTML 2Page - Unisonic Technologies 5N80 Datasheet HTML 3Page - Unisonic Technologies 5N80 Datasheet HTML 4Page - Unisonic Technologies 5N80 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5N80
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-483.d
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
800
V
Drain-Source Leakage Current
IDSS
VDS=800V, VGS=-0V
25
µA
Forward
VGS=+30V
+100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3
5
V
VGS=10V, ID=2.5A
2.0
2.5
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=2.5A, TC=100°C
4
On State Drain Current
ID(ON)
VDS>ID(ON)×RDS(ON)max,VGS=10V
5
A
DYNAMIC PARAMETERS
Input Capacitance
CISS
1190 1450
pF
Output Capacitance
COSS
165
200
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
70
85
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
75
95
nC
Gate to Source Charge
QGS
9
nC
Gate to Drain Charge
QGD
VGS=10V, VDD=500V, ID=6A
(Note 1, 2)
33
nC
Turn-ON Delay Time
tD(ON)
50
65
ns
Rise Time
tR
VDD=400V, ID=2.5A, RG=50Ω
VGS=10V (Note 1, 2)
85
105
ns
Turn-OFF Delay Time
tD(OFF)
120
150
ns
Fall-Time
tF
VDD=640V, ID=5.5A, RG=50Ω
VGS=10V (Note 1, 2)
30
40
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
ISD=5.5A, VGS=0V
2
V
Reverse Recovery Time
trr
700
ns
Reverse Recovery Charge
QRR
7.7
nC
Reverse Recovery Current
IRRM
ISD=5.5A,dI/dt=100A/µs,
VDD=80V,TJ=150°C (Note 1)
22
A
Source-Drain Current
ISD
5.5
A
Source-Drain Current (Pulsed) (Note 1)
ISDM
20
A
Notes: 1. Pulsed: Pulse duration=300µs, duty cycle 1.5%.
2. Essentially independent of operating temperature


Similar Part No. - 5N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N80 UTC-5N80 Datasheet
171Kb / 5P
   5 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
5N80 ISC-5N80 Datasheet
65Kb / 2P
   Fast Switching Speed
5N80 ISC-5N80 Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
5N80G-TA3-T UTC-5N80G-TA3-T Datasheet
171Kb / 5P
   5 Amps, 800 Volts N-CHANNEL POWER MOSFET
5N80G-TA3-T UTC-5N80G-TA3-T Datasheet
248Kb / 7P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
More results

Similar Description - 5N80

ManufacturerPart #DatasheetDescription
logo
Rohm
R8005ANX ROHM-R8005ANX Datasheet
901Kb / 15P
   Nch 800V 5A Power MOSFET
logo
STMicroelectronics
STB5NB80 STMICROELECTRONICS-STB5NB80 Datasheet
87Kb / 8P
   N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET
logo
Rohm
R8005ANJ ROHM-R8005ANJ Datasheet
995Kb / 14P
   Nch 800V 5A Power MOSFET
R8005ANJFRG ROHM-R8005ANJFRG Datasheet
1Mb / 14P
   Nch 800V 5A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
   800V N-Channel Power MOSFET
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
   800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
   800V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com