Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N70L-TF3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 6N70L-TF3-T
Description  6.0A, 700V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N70L-TF3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  6N70L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6N70
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-710.a
TEST CIRCUITS AND WAVEFORMS(Cont.)
VDS
+
-
DUT
RG
dv/dt controlled by RG
ISD controlled by pulse period
VDD
Same Type
as DUT
ISD
VGS
L
Driver
VGS
(Driver)
ISD
(DUT)
VDS
(DUT)
D=
Gate Pulse Width
Gate Pulse Period
10V
di/dt
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
VDD
VSD
Body Diode Forward
Voltage Drop
IFM, Body Diode Forward Current
Peak Diode Recovery dv/dt Test Circuit and Waveforms


Similar Part No. - 6N70L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N70L-TF3-T UTC-6N70L-TF3-T Datasheet
198Kb / 6P
   N-CHANNEL POWER MOSFET
6N70L-TF3-T UTC-6N70L-TF3-T Datasheet
200Kb / 6P
   N-CHANNEL POWER MOSFET
6N70L-TF3-T UTC-6N70L-TF3-T Datasheet
352Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 6N70L-TF3-T

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
   700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
   700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
   700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
   700V N-Channel Power MOSFET
logo
Nanjing International G...
NJ6N80 DGNJDZ-NJ6N80 Datasheet
646Kb / 5P
   6.0A 800V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF730 FCI-IRF730 Datasheet
100Kb / 3P
   6.0A 400V N CHANNEL POWER MOSFET
IRF730FP FCI-IRF730FP Datasheet
451Kb / 3P
   6.0A 400V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com