Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSB4XMEHC1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSB4XMEHC1E
Description  Xeon H Power Blue LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSB4XMEHC1E Datasheet(HTML) 1 Page - OptoSupply International

  OSB4XMEHC1E Datasheet HTML 1Page - OptoSupply International OSB4XMEHC1E Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.optosupply.com
VER C.0
X
Xe
eo
on
n H
H P
Po
ow
we
er
r B
Bllu
ue
e L
LE
ED
D
OSB4XMEHC1E
VER C.0
Features
Outline Dimension
Highest Luminous Flux
Super Energy Efficiency
Long Lifetime Operation
Superior ESD protection
Superior UV Resistance
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
Anode(+)
Cathode(-)
2.0
14.5
5.0
Unit:mm
Tolerance:±0.30mm
ESD Protection Diode
Anode
Cathode
3.6
BackView
■Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
200
mA
Pulse Forward Current*
IFP
250
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
800
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=150mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=150mA
455
460
465
nm
Luminous Flux
Φ
v
IF=150mA
5
10
-
lm
50% Power Angle
1/2
IF=150mA
-
120
-
deg
Note: Don’t drive at rated current more than 5s without heat sink for Xeon H emitter series.
LED & Application Technologies
200
175
150
125
0
25
50
75
100
025
50
75
125
Ambient Temperature, TA
()
100
RJ-A=70
/W
RJ-A=90
℃/W
RJ-A=110
/W


Similar Part No. - OSB4XMEHC1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB4XME1C1E OPTOSUPPLY-OSB4XME1C1E Datasheet
152Kb / 2P
   Xeon 1 Power Blue LED
OSB4XME3C1E OPTOSUPPLY-OSB4XME3C1E Datasheet
153Kb / 2P
   Xeon 3 Power Blue LED
More results

Similar Description - OSB4XMEHC1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5XAEHE1E_VER.C.2 OPTOSUPPLY-OSR5XAEHE1E_VER.C.2 Datasheet
120Kb / 1P
   xeon h power blue led
OSB4XZEHE1E_VER.C.2 OPTOSUPPLY-OSB4XZEHE1E_VER.C.2 Datasheet
123Kb / 1P
   xeon h power blue led
OSB5XMEHC1E OPTOSUPPLY-OSB5XMEHC1E Datasheet
166Kb / 1P
   Xeon H Power Blue LED
OSB5XAEHE1E OPTOSUPPLY-OSB5XAEHE1E Datasheet
109Kb / 1P
   Xeon H Power Blue LED
OSR5XMEHC1E OPTOSUPPLY-OSR5XMEHC1E Datasheet
164Kb / 1P
   Xeon H Power Red LED
OSY5XMEHC1E OPTOSUPPLY-OSY5XMEHC1E Datasheet
164Kb / 1P
   Xeon H Power Yellow LED
OSR5XMEHC1E OPTOSUPPLY-OSR5XMEHC1E_11 Datasheet
151Kb / 2P
   Xeon H Power Red LED
OSY5XAEHE1E_VER.C.2 OPTOSUPPLY-OSY5XAEHE1E_VER.C.2 Datasheet
120Kb / 1P
   xeon h power yellow led
OSR5XAEHE1E OPTOSUPPLY-OSR5XAEHE1E_11 Datasheet
115Kb / 1P
   Xeon H Power Red LED
OSY5XAEHE1E OPTOSUPPLY-OSY5XAEHE1E_11 Datasheet
115Kb / 1P
   Xeon H Power Yellow LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com