Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N50L-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 7N50L-TA3-T
Description  7A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N50L-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  7N50L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 7N50L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 7N50L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 7N50L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 7N50L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 7N50L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-527.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous (TC=25°C)
ID
7 (Note 5)
A
Drain Current
Pulsed (Note 2)
IDM
28 (Note 5)
A
Avalanche Current (Note 2)
IAR
7
A
Single Pulsed (Note 3)
EAS
270
mJ
Avalanche Energy
Repetitive (Note 4)
EAR
8.9
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220
89
Power Dissipation (TC=25°C)
TO-220F1
39
W
TO-220
0.71
Derate above 25°C
TO-220F1
PD
0.31
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 10mH, IAS = 7A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
4. ISD ≤ 7A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
5. Drain current limited by maximum junction temperature
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
TO-220
1.4
Junction to Case
TO-220F1
θJC
3.2
°C/W


Similar Part No. - 7N50L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N50L-TA3-T UTC-7N50L-TA3-T Datasheet
171Kb / 6P
   7 Amps, 500 Volts N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
7N50L-TA3-T VBSEMI-7N50L-TA3-T Datasheet
1Mb / 9P
   N-Channel 500V (D-S) Power MOSFET
More results

Similar Description - 7N50L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP8N50NZF FAIRCHILD-FDP8N50NZF Datasheet
479Kb / 9P
   N-Channel MOSFET 500V, 7A, 1廓
logo
Rohm
R5007FNX ROHM-R5007FNX Datasheet
3Mb / 14P
   Nch 500V 7A Power MOSFET
logo
Unisonic Technologies
7N10Z UTC-7N10Z Datasheet
219Kb / 5P
   7A, 100V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com