Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPY42-A Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # KPY42-A
Description  Silicon Piezoresistive Absolute Pressure Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY42-A Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  KPY42-A Datasheet HTML 1Page - Siemens Semiconductor Group KPY42-A Datasheet HTML 2Page - Siemens Semiconductor Group KPY42-A Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO-8-3
Semiconductor Group
1
02.97
Silicon Piezoresistive
Absolute Pressure Sensor
KPY 42-A
KPY 46-A
Features
• Low pressure and temperature hysteresis
• Fast response
• High sensitivity and linearity
• Fatigue free monocrystaline silicon diaphragm
giving high load cycle stability
• High long term stability
• Pressure coupled to rearside of silicon diaphragm
• Built in silicon temperature sensor
Type and
Marking
Symbol
Pressure Range
Unit
Ordering Code
KPY 42 A
P
0 PN
0
… 0.6
bar
Q62705-K204
KPY 43 A
0
… 1.6
Q62705-K162
KPY 44 A
0
… 4
Q62705-K164
KPY 45 A
0
… 10
Q62705-K166
KPY 46 A
0
… 25
Q62705-K168
Pin Configuration
1
Capillary tube
2+
V
IN
3
V
OUT
4
Temperature sensor
(typ.
R
25 = 2 kΩ)
5
Temperature sensor
6
V
IN
7+
V
OUT
8
Not connected


Similar Part No. - KPY42-A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY42-MA SIEMENS-KPY42-MA Datasheet
129Kb / 3P
   Silicon Pressure Sensor Module
KPY42-MR SIEMENS-KPY42-MR Datasheet
129Kb / 3P
   Silicon Pressure Sensor Module
More results

Similar Description - KPY42-A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY62-AG SIEMENS-KPY62-AG Datasheet
96Kb / 3P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY62-AK SIEMENS-KPY62-AK Datasheet
50Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor Preliminary Data
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com