Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N60AL-TF1-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 7N60AL-TF1-T
Description  7A, 600V N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60AL-TF1-T Datasheet(HTML) 7 Page - Unisonic Technologies

  7N60AL-TF1-T Datasheet HTML 1Page - Unisonic Technologies 7N60AL-TF1-T Datasheet HTML 2Page - Unisonic Technologies 7N60AL-TF1-T Datasheet HTML 3Page - Unisonic Technologies 7N60AL-TF1-T Datasheet HTML 4Page - Unisonic Technologies 7N60AL-TF1-T Datasheet HTML 5Page - Unisonic Technologies 7N60AL-TF1-T Datasheet HTML 6Page - Unisonic Technologies 7N60AL-TF1-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7N60A
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
VQW-R502-111,F
TYPICAL CHARACTERISTICS (Cont.)
-50
1.1
0.9
Junction Temperature, TJ (°C)
Drain-Source Voltage vs.
Junction Temperature
175
0
100
0.8
1.0
1.2
Junction Temperature, TJ (°C)
ON-Resistance vs. Junction Temperature
175
-50
100
0.0
1.0
2.5
25
150
75
Note:
1. VGS = 0V
2. ID = 250µA
0
150
125
75
50
25
-25
0.5
1.5
2.0
3.0
125
50
-25
Note:
1. VGS = 10V
2. ID = 3.5A
1m
s
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 7N60AL-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60AL-X-TA3-T UTC-7N60AL-X-TA3-T Datasheet
297Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60AL-X-TA3-T UTC-7N60AL-X-TA3-T Datasheet
280Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60AL-X-TF1-T UTC-7N60AL-X-TF1-T Datasheet
280Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60AL-X-TF3-T UTC-7N60AL-X-TF3-T Datasheet
297Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60AL-X-TF3-T UTC-7N60AL-X-TF3-T Datasheet
280Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 7N60AL-TF1-T

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC747N60 E-CMOS-EC747N60 Datasheet
412Kb / 5P
   600V,7A N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOT7N60 AOSMD-AOT7N60_10 Datasheet
167Kb / 6P
   600V,7A N-Channel MOSFET
AOT7N60 AOSMD-AOT7N60 Datasheet
154Kb / 6P
   600V, 7A N-Channel MOSFET
AOD7N60 AOSMD-AOD7N60 Datasheet
393Kb / 6P
   600V,7A N-Channel MOSFET
logo
Shenzhen Luguang Electr...
7N60P LUGUANG-7N60P Datasheet
821Kb / 4P
   600V 7A N-Channel MOSFET
Revision:20170701-P1
logo
First Components Intern...
FMF7N60 FCI-FMF7N60 Datasheet
2Mb / 7P
   7A 600V N CHANNEL ISOLATED POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7ND60CI TSC-TSM7ND60CI Datasheet
402Kb / 6P
   N-Channel Power MOSFET 600V, 7A, 1.2廓
logo
Jiangsu Donghai Semicon...
7N60 WXDH-7N60 Datasheet
899Kb / 11P
   7A 600V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com