Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N65AG-TA3-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 7N65AG-TA3-T
Description  7A, 650V N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N65AG-TA3-T Datasheet(HTML) 7 Page - Unisonic Technologies

  7N65AG-TA3-T Datasheet HTML 1Page - Unisonic Technologies 7N65AG-TA3-T Datasheet HTML 2Page - Unisonic Technologies 7N65AG-TA3-T Datasheet HTML 3Page - Unisonic Technologies 7N65AG-TA3-T Datasheet HTML 4Page - Unisonic Technologies 7N65AG-TA3-T Datasheet HTML 5Page - Unisonic Technologies 7N65AG-TA3-T Datasheet HTML 6Page - Unisonic Technologies 7N65AG-TA3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7N65A
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-585.B
TYPICAL CHARACTERISTICS (Cont.)
-50
1.1
0.9
Junction Temperature, TJ (°C)
Drain-Source Voltage vs.
Junction Temperature
175
0
100
0.8
1.0
1.2
Junction Temperature, TJ (°C)
ON-Resistance vs. Junction Temperature
175
-50
100
0.0
1.0
2.5
25
150
75
Note:
1. VGS = 0V
2. ID = 250µA
0
150
125
75
50
25
-25
0.5
1.5
2.0
3.0
125
50
-25
Note:
1. VGS = 10V
2. ID = 3.5A
1m
s
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 7N65AG-TA3-T

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
7N65AG-TA3-T VBSEMI-7N65AG-TA3-T Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - 7N65AG-TA3-T

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC747N65 E-CMOS-EC747N65 Datasheet
579Kb / 6P
   650V,7A N-Channel Power MOSFET
logo
AiT Semiconductor Inc.
AM07N65 AITSEMI-AM07N65 Datasheet
746Kb / 10P
   MOSFET 650V, 7A N-CHANNEL
REV1.0 - JUN 2022
logo
KIA Semiconductor Techn...
7N65H KIA-7N65H Datasheet
402Kb / 6P
   7A,650V N-CHANNEL MOSFET
logo
Alpha & Omega Semicondu...
AOD7N65 AOSMD-AOD7N65 Datasheet
393Kb / 6P
   650V,7A N-Channel MOSFET
AOT7N65 AOSMD-AOT7N65 Datasheet
413Kb / 6P
   650V, 7A N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM7NC65CF TSC-TSM7NC65CF Datasheet
412Kb / 6P
   N-Channel Power MOSFET 650V, 7A, 1.35廓
logo
Jiangsu Donghai Semicon...
I7NE65 WXDH-I7NE65 Datasheet
1Mb / 11P
   7A 650V N-channel Enhancement Mode Power MOSFET
B7NE65 WXDH-B7NE65 Datasheet
1Mb / 11P
   7A 650V N-channel Enhancement Mode Power MOSFET
D7NE65 WXDH-D7NE65 Datasheet
1Mb / 11P
   7A 650V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com