Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPY62-AG Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # KPY62-AG
Description  Silicon Piezoresistive Absolute Pressure Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY62-AG Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  KPY62-AG Datasheet HTML 1Page - Siemens Semiconductor Group KPY62-AG Datasheet HTML 2Page - Siemens Semiconductor Group KPY62-AG Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Piezoresistive
Absolute Pressure Sensor
KPY 62-AG
…KPY 65-AG
Low pressure and temperature hysteresis
Fast response
High sensitivity and linearity
Fatigue free monocrystaline silicon diaphragm
giving high load cycle stability
High long term stability
Built in silicon temperature sensor
Metal housing
Type and
Marking
Symbol
Pressure Range
Unit
Ordering Code
KPY 62 AG
P0 PN
0
… 0.6
bar
Q62705-K
*)
KPY 63 AG
0
… 1.6
Q62705-K
*)
KPY 64 AG
0
… 4
Q62705-K
*)
KPY 65 AG
0
… 10
Q62705-K283
*) delivery on request
Pin Configuration
1
Temp.- Sensor
(typ.
R25 = 2 kΩ)
2
Not connected
3+
Vin; Temp.- Sensor
4
Vout
5
No pin
6
Shielding, to be connected
to +
Vin
7
Vin
8+
Vout


Similar Part No. - KPY62-AG

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY62-AK SIEMENS-KPY62-AK Datasheet
50Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor Preliminary Data
More results

Similar Description - KPY62-AG

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY42-A SIEMENS-KPY42-A Datasheet
69Kb / 3P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY62-AK SIEMENS-KPY62-AK Datasheet
50Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor Preliminary Data
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com