Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH921NTR-G1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AH921NTR-G1
Description  HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH921NTR-G1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AH921NTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Preliminary Datasheet
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921
Jun. 2010 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
10
Typical Performance Characteristics (Continued)
Figure 13. BOP/BRP/BHYS vs. VCC
Figure 14. BOP/BRP/BHYS vs. TA
0
5
10
15
20
25
0
20
40
60
80
100
120
140
160
180
I
OUT (mA)
T
A=25
oC
V
CC=12V
Figure 15. VSAT vs. IOUT
Figure 16. VSAT vs. TA
4
8
12
16
20
24
-20
-10
0
10
20
30
40
50
V
CC (V)
T
A=25
oC
B
OP
B
RP
B
HYS
-25
0
25
50
75
100
125
-20
-10
0
10
20
30
40
T
A (
oC)
V
CC=12V
B
OP
B
RP
B
HYS
-25
0
25
50
75
100
125
100
120
140
160
180
200
220
240
T
A (
oC)
V
CC=5V
V
CC=12V


Similar Part No. - AH921NTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH921NTR-G1 DIODES-AH921NTR-G1 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
More results

Similar Description - AH921NTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921_11 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH920 OHHALLSENSOR-OH920 Datasheet
192Kb / 4P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH921 DIODES-AH921 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH920 DIODES-AH920 Datasheet
325Kb / 13P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH920 BCDSEMI-AH920 Datasheet
97Kb / 2P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH921 OHHALLSENSOR-OH921 Datasheet
206Kb / 5P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
logo
Taiwan Semiconductor Co...
TSH188 TSC-TSH188 Datasheet
420Kb / 8P
   Ultra High Sensitivity Hall Effect Latch
logo
SEC Electronics Inc.
SS2412 SECELECTRONICS-SS2412 Datasheet
314Kb / 9P
   CMOS High Sensitivity Micropower Hall Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com