Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPY62AK Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # KPY62AK
Description  Silicon Piezoresistive Absolute Pressure Sensor Preliminary Data
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KPY62AK Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  KPY62AK Datasheet HTML 1Page - Siemens Semiconductor Group KPY62AK Datasheet HTML 2Page - Siemens Semiconductor Group KPY62AK Datasheet HTML 3Page - Siemens Semiconductor Group KPY62AK Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KPY 62-AK
KPY 69-AK
Semiconductor Group
3
1998-05-08
Offset voltage
P = P
0
V
0
− 25
−+ 25
mV
Linearity error (Best fit straight line)
P
0 = P0 PN
F
L
%
V
fin
KPY 62
… 65 AK
KPY 66
… 69 AK
± 0.3
± 0.3
± 0.5
Pressure hysteresis
P
1 = P0, P2 = PN, P3 = P0 KPY 62 … 69 AK
P
H
−± 0.1
%
V
fin
Electrical Characteristics
at
T
1 = 25 ˚C, T2 = 125 ˚C, T3 = 25 ˚C and VIN = 5 V, unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Temperature coefficient of
V
fin
TC
Vfin
%/K
KPY 62
… 69 AK
− 0.22 − 0.18 − 0.15
Temperature coefficient of
V
0
TC
V0
%/K
KPY 62 AK
KPY 63 AK
KPY 64 AK
KPY 65 AK
KPY 66 AK
KPY 67 AK
KPY 68 AK
KPY 69 AK
− 0.04
− 0.04
− 0.02
− 0.02
− 0.02
− 0.01
− 0.01
− 0.01
+ 0.04
+ 0.04
+ 0.02
+ 0.02
+ 0.02
+ 0.01
+ 0.01
+ 0.01
Temperature coefficient of
R
B
TC
RB
%/K
KPY 62
… 69 AK
−+ 0.23 −
Temperature hysteresis of
V
0; Vfin
TH
% v.
V
fin
KPY 62
… 66 AK
KPY 67
… 69 AK
± 0.2
− 0.1
Electrical Characteristics (cont’d)
at
T
A = 25 ˚C and VIN = 5 V, unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.


Similar Part No. - KPY62AK

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY62AG SIEMENS-KPY62AG Datasheet
96Kb / 3P
   Silicon Piezoresistive Absolute Pressure Sensor
More results

Similar Description - KPY62AK

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY62-AG SIEMENS-KPY62-AG Datasheet
96Kb / 3P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY42-A SIEMENS-KPY42-A Datasheet
69Kb / 3P
   Silicon Piezoresistive Absolute Pressure Sensor
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com