Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2111M-1.2TRG1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP2111M-1.2TRG1
Description  600mA CMOS LDO REGULATOR WITH ENABLE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2111M-1.2TRG1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP2111M-1.2TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2111M-1.2TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2111M-1.2TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2111M-1.2TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2111M-1.2TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2111M-1.2TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2111M-1.2TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2111M-1.2TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2111M-1.2TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
600mA CMOS LDO REGULATOR WITH ENABLE
AP2111
Jan. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
5
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Power Supply Voltage
VIN
6.5
V
Operating
Junction
Temperature
Range
TJ
150
ºC
Storage Temperature Range
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10sec)
TLEAD
260
ºC
SOIC-8
144
PSOP-8
143
Thermal Resistance (No Heatsink)
θJA
SOT-223
128
ºC/W
ESD (Machine Model)
400
V
ESD (Human Body Model)
4000
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VIN
2.5
6.0
V
Operating
Ambient
Temperature
Range
TA
-40
85
°C


Similar Part No. - AP2111M-1.2TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111M-1.2TRG1 BCDSEMI-AP2111M-1.2TRG1 Datasheet
820Kb / 22P
   600mA CMOS LDO REGULATOR WITH ENABLE
More results

Similar Description - AP2111M-1.2TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111 BCDSEMI-AP2111_12 Datasheet
820Kb / 22P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112_12 Datasheet
595Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112 Datasheet
602Kb / 19P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2112 DIODES-AP2112 Datasheet
743Kb / 18P
   600mA CMOS LDO REGULATOR WITH ENABLE
DS39724 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com