Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2114H-3.3TRG1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP2114H-3.3TRG1
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2114H-3.3TRG1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2114H-3.3TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2114H-3.3TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2114H-3.3TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2114H-3.3TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2114H-3.3TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2114H-3.3TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2114H-3.3TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2114H-3.3TRG1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2114H-3.3TRG1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Preliminary Datasheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114
Oct. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
10
Typical Performance Characteristics
Figure 4. Ground Current vs. Output Current
Figure 5. Ground Current vs. Output Current
Figure 6. Ground Current vs. Output Current
Figure 7. Ground Current vs. Output Current
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
400
T
A=-40
OC
T
A=25
OC
T
A=85
OC
AP2114_1.8V
V
IN=2.8V
C
IN=4.7µF
C
OUT=4.7µF
Output Current (A)
0.00.2
0.40.6
0.81.0
0
50
100
150
200
250
300
350
400
T
A=-40
OC
T
A=25
OC
T
A=85
OC
AP2114_2.5V
V
IN=3.5V
C
IN=4.7µF
C
OUT=4.7µF
Output Current (A)
0.00.2
0.40.6
0.81.0
0.0
50.0
100.0
150.0
200.0
250.0
300.0
350.0
400.0
450.0
500.0
AP2114_3.3V
T
A=-40
OC
T
A=25
OC
T
A=85
OC
V
IN=4.3V
Output Current (A)
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
400
450
500
AP2114_1.2V
T
A=-40
OC
T
A=25
OC
T
A=85
OC
V
IN=2.5V
Output Current (A)


Similar Part No. - AP2114H-3.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2114H-3.3TRG1 BCDSEMI-AP2114H-3.3TRG1 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114H-3.3TRG1 DIODES-AP2114H-3.3TRG1 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
More results

Similar Description - AP2114H-3.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
AiT Semiconductor Inc.
A6110A AITSEMI-A6110A Datasheet
777Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 1A CMOS LOW NOISE WITH ENABLE PIN
REV1.2
logo
ON Semiconductor
NCP580 ONSEMI-NCP580 Datasheet
66Kb / 10P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
August, 2005 ??Rev. 2
NCP580 ONSEMI-NCP580_06 Datasheet
65Kb / 9P
   Ultra?묯ast, Low Noise 120 mA CMOS LDO Regulator with Enable
December, 2006 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com