Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2125 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2125
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2125 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2125 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2125 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125
Data Sheet
4
May. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Lead Free
Green
Lead Free
Green
SOT-23-3
-40 to 85oC
AP2125N-1.8TRE1
AP2125N-1.8TRG1
EJ2
GJ2
Tape & Reel
AP2125N-2.5TRE1
AP2125N-2.5TRG1
EJ4
GJ4
Tape & Reel
AP2125N-2.8TRE1
AP2125N-2.8TRG1
EJ5
GJ5
Tape & Reel
AP2125N-3.0TRE1
AP2125N-3.0TRG1
EJ6
GJ6
Tape & Reel
AP2125N-3.3TRE1
AP2125N-3.3TRG1
EJ7
GJ7
Tape & Reel
AP2125N-4.2TRE1
AP2125N-4.2TRG1
EJ3
GJ3
Tape & Reel
SOT-23-5
-40 to 85oC
AP2125K-1.8TRE1
AP2125K-1.8TRG1
ECB
GCB
Tape & Reel
AP2125K-2.5TRE1
AP2125K-2.5TRG1
ECD
GCD
Tape & Reel
AP2125K-2.8TRE1
AP2125K-2.8TRG1
ECE
GCE
Tape & Reel
AP2125K-3.0TRE1
AP2125K-3.0TRG1
ECF
GCF
Tape & Reel
AP2125K-3.3TRE1
AP2125K-3.3TRG1
ECG
GCG
Tape & Reel
AP2125K-4.15TRG1
GCJ
Tape & Reel
AP2125K-4.2TRE1
AP2125K-4.2TRG1
ECC
GCC
Tape & Reel
SC-70-5
-40 to 85oC
AP2125KS-1.8TRE1
AP2125KS-1.8TRG1
26
B6
Tape & Reel
AP2125KS-2.5TRE1
AP2125KS-2.5TRG1
35
C5
Tape & Reel
AP2125KS-2.8TRE1
AP2125KS-2.8TRG1
27
B7
Tape & Reel
AP2125KS-3.0TRE1
AP2125KS-3.0TRG1
36
C6
Tape & Reel
AP2125KS-3.3TRE1
AP2125KS-3.3TRG1
28
B8
Tape & Reel
AP2125KS-4.2TRE1
AP2125KS-4.2TRG1
34
C4
Tape & Reel
SC-82
-40 to 85oC
AP2125KC-1.8TRE1
AP2125KC-1.8TRG1
91
T1
Tape & Reel
AP2125KC-2.5TRE1
AP2125KC-2.5TRG1
96
T6
Tape & Reel
AP2125KC-2.8TRE1
AP2125KC-2.8TRG1
92
T2
Tape & Reel
AP2125KC-3.0TRE1
AP2125KC-3.0TRG1
97
T7
Tape & Reel
AP2125KC-3.3TRE1
AP2125KC-3.3TRG1
93
T3
Tape & Reel
AP2125KC-4.2TRE1
AP2125KC-4.2TRG1
95
T5
Tape & Reel
Circuit Type
Package
N:
SOT-23-3
E1: Lead Free
AP2125
-
TR: Tape and Reel
K:
SOT-23-5
KS: SC-70-5
Ordering Information
2.8: Fixed Output 2.8V
1.8: Fixed Output 1.8V
2.5: Fixed Output 2.5V
3.0: Fixed Output 3.0V
3.3: Fixed Output 3.3V
KC: SC-82
4.15: Fixed Output 4.15V
G1: Green
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.
4.2: Fixed Output 4.2V


Similar Part No. - AP2125

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2125K-1.8TRG1 DIODES-AP2125K-1.8TRG1 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2125K-2.5TRG1 DIODES-AP2125K-2.5TRG1 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2125K-2.8TRG1 DIODES-AP2125K-2.8TRG1 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2125K-3.0TRG1 DIODES-AP2125K-3.0TRG1 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
More results

Similar Description - AP2125

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com