Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9N40 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 9N40
Description  9A, 400V N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N40 Datasheet(HTML) 3 Page - Unisonic Technologies

  9N40 Datasheet HTML 1Page - Unisonic Technologies 9N40 Datasheet HTML 2Page - Unisonic Technologies 9N40 Datasheet HTML 3Page - Unisonic Technologies 9N40 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-552.c
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
400
V
Drain-Source Leakage Current
IDSS
VDS=400V, VGS=0V
1
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=+30V, VDS=0V
+100 nA
Reverse
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=4.5A
0.6 0.75
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
1340
pF
Output Capacitance
COSS
160
pF
Reverse Transfer Capacitance
CRSS
490
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDS=320V, ID=9A
(Note 1, 2)
34
nC
Gate to Source Charge
QGS
18
nC
Gate to Drain Charge
QGD
16
nC
Turn-ON Delay Time
tD(ON)
VDD=200V, ID=9A, RG=25Ω
(Note 1, 2)
22
ns
Rise Time
tR
60
ns
Turn-OFF Delay Time
tD(OFF)
32
ns
Fall-Time
tF
140
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
9
A
Maximum Body-Diode Pulsed Current
ISM
36
A
Drain-Source Diode Forward Voltage
VSD
IS=9A, VGS=0V
1.7
V
Body Diode Reverse Recovery Time
tRR
IS=9A, VGS=0V, dIF/dt=100A/µs
(Note 1)
350
ns
Body Diode Reverse Recovery Charge
QRR
2.6
µC
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Similar Part No. - 9N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
9N40 ISC-9N40 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Unisonic Technologies
9N40G-TA3-T UTC-9N40G-TA3-T Datasheet
184Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
9N40G-TF1-T UTC-9N40G-TF1-T Datasheet
184Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
9N40L-TA3-T UTC-9N40L-TA3-T Datasheet
184Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
9N40L-TF1-T UTC-9N40L-TF1-T Datasheet
184Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - 9N40

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF630 UTC-UF630_11 Datasheet
389Kb / 7P
   200V, 9A N-CHANNEL POWER MOSFET
9N90_1112 UTC-9N90_1112 Datasheet
255Kb / 6P
   9A, 900V N-CHANNEL POWER MOSFET
9N65 UTC-9N65 Datasheet
177Kb / 5P
   9A, 650V N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
BRI630 FS-BRI630 Datasheet
600Kb / 4P
   N-Channel Power MOSFET (200V/9A)
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
   400V N-CHANNEL POWER MOSFET
9N70 UTC-9N70 Datasheet
147Kb / 3P
   9A, 700V N-CHANNEL POWER MOSFET
9N100 UTC-9N100 Datasheet
184Kb / 5P
   9A, 1000V N-CHANNEL POWER MOSFET
9N80_1112 UTC-9N80_1112 Datasheet
203Kb / 5P
   9A, 800V N-CHANNEL POWER MOSFET
9N50 UTC-9N50 Datasheet
180Kb / 6P
   9A, 500V N-CHANNEL POWER MOSFET
9N95 UTC-9N95 Datasheet
263Kb / 6P
   9A, 950V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com