Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3036KTR-G1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP3036KTR-G1
Description  WHITE LED STEP-UP CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3036KTR-G1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3036KTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3036KTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3036KTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3036KTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3036KTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3036KTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3036KTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3036KTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3036KTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Preliminary Datasheet
WHITE LED STEP-UP CONVERTER
AP3036/A
Sep. 2011
Rev. 1.2.
BCD Semiconductor Manufacturing Limited
9
0
204060
80
100
0
5
10
15
20
25
30
Duty (%)
V
IN
=3.6V, 5 LEDs
PWM Frequency=0.5kHz
0
204060
80
100
0
5
10
15
20
25
30
Duty (%)
V
IN
=3.6V, 5 LEDs
PWM Frequency=100KHz
Typical Performance Characteristics (Continued)
The WLED forward voltage (VF) is 3.45V at IF=20mA, unless otherwise noted.
Figure 16. LED Current vs. Duty
Figure 17. LED Current vs. Duty
Time
40
μs/div
Time
10ms/div
Figure 18. Powering On
Figure 19. PWM Dimming
(VIN=3.6V, VCTRL=2.5V, ILED=20mA, 5 LEDs)
(VIN=3.6V, VPWM=2.5V, fPWM=0.5kHz, Duty=50%, 5 LEDs)
VIN
2V/div
VSW
10V/div
VOUT
10V/div
IL
100mA/div
VCTRL
2V/div
VSW
10V/div
VOUT
10V/div
ILED
10mA/div


Similar Part No. - AP3036KTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
More results

Similar Description - AP3036KTR-G1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
   WHITE LED STEP-UP CONVERTER
AP3031 BCDSEMI-AP3031 Datasheet
340Kb / 16P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com