Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9N65L-TF3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 9N65L-TF3-T
Description  9A, 650V N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N65L-TF3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  9N65L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 9N65L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 9N65L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 9N65L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 9N65L-TF3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
9N65
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-618.d
9A, 650V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 9N65 is an N-channel mode power MOSFET using UTC’s
advanced technology to provide customers with planar stripe and
DMOS technology. This technology allows a minimum on-state
resistance and superior switching performance. It also can withstand
high energy pulse in the avalanche and commutation mode.
The UTC 9N65 is generally applied in high efficiency switch mode
power supplies and uninterruptible power supplies.
FEATURES
* RDS(ON)=1.1Ω @ VGSS=10V
* High Switching Speed
* Improved dv/dt Capability
* 100% Avalanche Tested
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
9N65L-TA3-T
9N65G-TA3-T
TO-220
G
D
S
Tube
9N65L-TF3-T
9N65G-TF3-T
TO-220F
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 9N65L-TF3-T

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
9N65L-TA3-T VBSEMI-9N65L-TA3-T Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - 9N65L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Rohm
R6509KND3 ROHM-R6509KND3 Datasheet
2Mb / 14P
   Nch 650V 9A Power MOSFET
R6509END3 ROHM-R6509END3 Datasheet
2Mb / 14P
   Nch 650V 9A Power MOSFET
logo
Unisonic Technologies
UF630 UTC-UF630_11 Datasheet
389Kb / 7P
   200V, 9A N-CHANNEL POWER MOSFET
9N90_1112 UTC-9N90_1112 Datasheet
255Kb / 6P
   9A, 900V N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
BRI630 FS-BRI630 Datasheet
600Kb / 4P
   N-Channel Power MOSFET (200V/9A)
logo
Unisonic Technologies
9N40 UTC-9N40 Datasheet
158Kb / 4P
   9A, 400V N-CHANNEL POWER MOSFET
9N70 UTC-9N70 Datasheet
147Kb / 3P
   9A, 700V N-CHANNEL POWER MOSFET
9N100 UTC-9N100 Datasheet
184Kb / 5P
   9A, 1000V N-CHANNEL POWER MOSFET
9N80_1112 UTC-9N80_1112 Datasheet
203Kb / 5P
   9A, 800V N-CHANNEL POWER MOSFET
9N50 UTC-9N50 Datasheet
180Kb / 6P
   9A, 500V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com