Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2138R-3.3TRG1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP2138R-3.3TRG1
Description  ULTRA LOW QUIESCENT CURRENT CMOS LDO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2138R-3.3TRG1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2138R-3.3TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2138R-3.3TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2138R-3.3TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2138R-3.3TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2138R-3.3TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2138R-3.3TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2138R-3.3TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2138R-3.3TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2138R-3.3TRG1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
Jul. 2011 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
ULTRA LOW QUIESCENT CURRENT CMOS LDO
AP2138/2139
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage
VIN
6.6
V
Output Voltage
VOUT
1.470
1.500
1.530
V
Quiescent Current
IQ
IOUT=0
1.0
1.5
µA
Standby Current (AP2139)
ISTD
VCE=0
0.1
1
µA
Output Current
IOUT
250
mA
Load Regulation
VRLOAD
1mA
≤IOUT≤100mA
25
40
mV
Line Regulation
VRLINE
2.5V
≤VIN≤6V
618
mV
Dropout Voltage
VDROP
IOUT=10mA
100
300
mV
IOUT=30mA
200
400
IOUT=100mA
600
900
IOUT=250mA
1000
1300
Output Voltage
Temperature Coefficient
∆VOUT/∆T
±150
µV/oC
(
∆VOUT/VOUT)/∆T
±100
ppm/oC
Short Circuit Current
ISHORT
VOUT=0
50
mA
CE Pull-down Constant
Current (AP2139)
IPD
0.2
µA
CE Input Logic-high
Voltage (AP2139)
VIH
1.2
V
CE Input Logic-low
Voltage (AP2139)
VIL
0.3
V
Thermal Resistance
θJC
SOT-23-3
81.9
oC/W
SOT-23-5
81.9
SOT-89
51.1
Electrical Characteristics (Continued)
AP2138/2139-1.5 Electrical Characteristics
(VIN=2.5V, VCE=2.5V (AP2139),TJ=25
oC, IOUT=40mA, CIN=COUT=1µF, Bold typeface applies over -40oC≤TJ≤85oC, unless
otherwise specified.)


Similar Part No. - AP2138R-3.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2138R-3.3TRG1 BCDSEMI-AP2138R-3.3TRG1 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Diodes Incorporated
AP2138R-3.3TRG1 DIODES-AP2138R-3.3TRG1 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
More results

Similar Description - AP2138R-3.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com