Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3102LM-G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP3102LM-G1
Description  GREEN MODE PWM CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3102LM-G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3102LM-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3102LM-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
GREEN MODE PWM CONTROLLER
AP3102/V/L
Preliminary Datasheet
6
Jan. 2010 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage (VCC Pin)
Start-up Current
ISTART-UP VCC=14.8V
5
15
µA
Operating Supply Current
ICC
VFB=0V, CL=1nF
1.5
2.5
3.5
mA
VFB=3V, CL=1nF
2
3
4
UVLO (on)
15.2
16.2
17.2
V
UVLO (off)
7.8
8.8
9.8
V
VCC OVP
27
28.5
30
V
VCC Clamp
ICC=5mA
34
V
De-Latch VCC
4.5
6
7.5
V
PWM Section/Oscillator Section
Maximum Duty Cycle
70
75
80
%
Minimum Duty Cycle
0
Oscillation Frequency
RRI=26kΩ
60
65
70
kHz
Frequency in Skip Mode
RRI=26kΩ
22
kHz
Frequency Temperature
Stability
-40oC to 85oC
5%
Frequency Voltage Stability
VCC=12V to 30V
3%
Frequency Dithering
±6
%
Current Sense Section (SENSE Pin)
Maximum SENSE Voltage
VCS
VBOK=0.95V
0.75
0.8
0.85
V
VBOK=2.76V
0.63
0.68
0.73
LEB Time of SENSE
150
250
350
ns
Delay to Output
50
150
250
ns
Soft-start Time
2ms
Feedback Input Section (FB Pin)
The Ratio of Input Voltage
to Current Sense Voltage
2.533.5
V/V
Input Impedance
3
4.5
6
k
Source Current
-2
mA
Input Voltage for Zero Duty
VADJ=0V
1.2
V
Electrical Characteristics
VCC=16V, TA=25oC, unless otherwise specified.


Similar Part No. - AP3102LM-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3102LM-G1 DIODES-AP3102LM-G1 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3102LM-G1

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com