Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3102P-G1 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3102P-G1
Description  GREEN MODE PWM CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3102P-G1 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3102P-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3102P-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3102P-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3102P-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3102P-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3102P-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3102P-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3102P-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3102P-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
GREEN MODE PWM CONTROLLER
AP3102/V/L
3
Jan. 2010 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
Functional Block Diagram
Figure 3. Functional Block Diagram of AP3102/V/L
µ
µ
GND
GATE
SENSE
Latch
LEB
Driver
15V
Q
D
CLK
RB
FB
R
2R
0.85V
ADJ
OLP
1.1V
OLP
OTP
VCC
33V
28V
RI
UVLO
16.2V
8.8V
Internal Bias
4.5V
Latch
5V
2mS
Soft Start
25
µA
OTP
155oC
BOK
Disable
5K
55k
OSC
VDD
0.5V
0.9V
BOK
BOK
5V
1
µA
4V
Disable
OVP
OVP
Protect
Logic
8
4
3
6
1
2
5
7
Latch
Control
Logic
(Note*)
OVP
OLP
Latch
Latch
OVP
Control Logic for
AP3102 L
Control Logic for
AP3102 V
Control Logic for
AP3102
Note*
Latch
OLP
OVP


Similar Part No. - AP3102P-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
AP3102L DIODES-AP3102L Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
AP3102LM-G1 DIODES-AP3102LM-G1 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
AP3102LMTR-G1 DIODES-AP3102LMTR-G1 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
AP3102M-G1 DIODES-AP3102M-G1 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3102P-G1

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com