Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2125N-1.8TRG1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP2125N-1.8TRG1
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2125N-1.8TRG1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP2125N-1.8TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2125N-1.8TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125
Data Sheet
2
May. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Figure 2. Pin Configuration of AP2125 (Top View)
N Package
(SOT-23-3)
Pin Configuration
K/KS Package
(SOT-23-5/SC-70-5)
Pin Description
Pin Number
Pin Name
Function
SOT-23-3
SOT-23-5/
SC-70-5
SC-82
31
4
VIN
Input voltage
1
2
2
GND
Ground
3
1
CE
Active high enable input pin. Logic high=enable, logic low=shutdown
4
NC
No connection
25
3
VOUT
Regulated output voltage
KC Package
(SC-82)
3
2
1
VIN
GND
VOUT
1
2
34
5
VOUT
NC
CE
GND
VIN
1
2
3
4
CE
GND
VOUT
VIN


Similar Part No. - AP2125N-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2125N-1.8TRG1 DIODES-AP2125N-1.8TRG1 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
More results

Similar Description - AP2125N-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com