Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3768 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3768
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3768 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3768 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3768 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768
Preliminary Datasheet
4
BCD Semiconductor Manufacturing Limited
Aug. 2010 Rev. 1. 0
Parameter
Value
Unit
Voltage at VCC Pin to GND
-0.3 to 36
V
Voltage at CS, OUT to GND
-0.3 to 7
V
FB input
-40 to 10
V
Output Current at OUT
Internally limited
A
Operating Junction Temperature
150
oC
Storage Temperature
-65 to 150
oC
Lead Temperature (Soldering, 10s)
300
oC
Thermal Resistance Junction-to-Ambient
190
oC/W
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Absolute Maximum Ratings (Note 1)
BCD Semiconductor's products, as designated with "G1" suffix in the part number, are RoHS compliant and Green.
Ordering Information
Circuit Type
AP3768
-
TR: Tape and Reel
Package
M: SOIC-8
G1: Green
Package
Temperature Range
Part Number
Marking ID
Packing Type
SOIC-8
-40 to 85oC
AP3768M-G1
3768M-G1
Tube
AP3768MTR-G1
3768M-G1
Tape & Reel
Blank: Tube


Similar Part No. - AP3768

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3768 DIODES-AP3768 Datasheet
415Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
July 2017 Rev. 2 - 2
AP3768M-G1 DIODES-AP3768M-G1 Datasheet
415Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
July 2017 Rev. 2 - 2
AP3768MTR-G1 DIODES-AP3768MTR-G1 Datasheet
415Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
July 2017 Rev. 2 - 2
More results

Similar Description - AP3768

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
logo
BCD Semiconductor Manuf...
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3765 BCDSEMI-AP3765_10 Datasheet
605Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Unisonic Technologies
UC1108 UTC-UC1108 Datasheet
246Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3776B DIODES-AP3776B Datasheet
545Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
   Low-Power Off-line Primary Side Regulation Controller
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com