Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10N50G-TF1-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 10N50G-TF1-T
Description  10A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N50G-TF1-T Datasheet(HTML) 3 Page - Unisonic Technologies

  10N50G-TF1-T Datasheet HTML 1Page - Unisonic Technologies 10N50G-TF1-T Datasheet HTML 2Page - Unisonic Technologies 10N50G-TF1-T Datasheet HTML 3Page - Unisonic Technologies 10N50G-TF1-T Datasheet HTML 4Page - Unisonic Technologies 10N50G-TF1-T Datasheet HTML 5Page - Unisonic Technologies 10N50G-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-531.c
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
500
V
Drain-Source Leakage Current
IDSS
VDS=500V, VGS=0V
10
µA
Forward
VGS=+30V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=5A
0.54 0.68
DYNAMIC PARAMETERS
Input Capacitance
CISS
1610 2096 pF
Output Capacitance
COSS
177 230
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
16
24
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
43
56
nC
Gate to Source Charge
QGS
7.5
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=400V, ID=10A
(Note 1, 2)
18.5
nC
Turn-ON Delay Time
tD(ON)
29
67
ns
Rise Time
tR
80
170
ns
Turn-OFF Delay Time
tD(OFF)
141 290
ns
Fall-Time
tF
VDD=250V, ID=10A, RG=25Ω
(Note 1, 2)
80
165
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
10
A
Maximum Body-Diode Pulsed Current
ISM
40
A
Drain-Source Diode Forward Voltage
VSD
IS=10A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
50
ns
Body Diode Reverse Recovery Charge
QRR
IS=10A, VGS=0V,
dIF/dt=100A/µs (Note 1)
0.1
µC
Note:
1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Similar Part No. - 10N50G-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N50G-TF1-T UTC-10N50G-TF1-T Datasheet
172Kb / 6P
   10 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 10N50G-TF1-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ45B INTERSIL-BUZ45B Datasheet
42Kb / 5P
   10A, 500V, 0.500 Ohm, N-Channel Power MOSFET
October 1998
logo
Fairchild Semiconductor
FDB12N50U FAIRCHILD-FDB12N50U Datasheet
638Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDB12N50U FAIRCHILD-FDB12N50U_12 Datasheet
354Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com