Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT17 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # APT17
Description  HIGH VOLTAGE NPN TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

APT17 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button APT17_11 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited APT17_11 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited APT17_11 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited APT17_11 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited APT17_11 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited APT17_11 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited APT17_11 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited APT17_11 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited APT17_11 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HIGH VOLTAGE NPN TRANSISTOR
APT17
9
Aug. 2011 Rev 1. 4
BCD Semiconductor Manufacturing Limited
Data Sheet
Soldering Information(Continued)
Solder Lands
Solder R esist
O ccupied A rea
Dim ensions in m m
P referred transportdirection during soldering
1.20
4.00
4.50
2.80
Figure 8. Waving Soldering Footprint SOT-23


Similar Part No. - APT17_11

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT17F100B MICROSEMI-APT17F100B Datasheet
134Kb / 4P
   N-Channel FREDFET 1000V, 17A, 0.80廓 Max, trr ??45ns
APT17F100B MICROSEMI-APT17F100B Datasheet
133Kb / 4P
   N-Channel FREDFET
logo
Inchange Semiconductor ...
APT17F100B ISC-APT17F100B Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Microsemi Corporation
APT17F100B MICROSEMI-APT17F100B_09 Datasheet
133Kb / 4P
   N-Channel FREDFET
APT17F100S MICROSEMI-APT17F100S Datasheet
134Kb / 4P
   N-Channel FREDFET 1000V, 17A, 0.80廓 Max, trr ??45ns
More results

Similar Description - APT17_11

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com