Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1108G-XX-AA3-A-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LR1108G-XX-AA3-A-R
Description  1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1108G-XX-AA3-A-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LR1108G-XX-AA3-A-R Datasheet HTML 1Page - Unisonic Technologies LR1108G-XX-AA3-A-R Datasheet HTML 2Page - Unisonic Technologies LR1108G-XX-AA3-A-R Datasheet HTML 3Page - Unisonic Technologies LR1108G-XX-AA3-A-R Datasheet HTML 4Page - Unisonic Technologies LR1108G-XX-AA3-A-R Datasheet HTML 5Page - Unisonic Technologies LR1108G-XX-AA3-A-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LR1108
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R102-031.I
TYPICAL APPLICATION CIRCUIT
VIN
GND
VOUT
UTC LR1108
INPUT
3.3V±10%
CIN
1µF
COUT
4.7µF
SD
ERROR
SD*
VOUT
2.5V, 500mA
ERROR (Note)
Note: SD and ERROR pins must be pulled high through a 10kΩ pull-up resistor. Connect the ERROR pin to ground if this
function is not used.
TYPICAL CHARACTERISTICS
Dropout Voltage vs. Output Current
Output Current, IOUT (mA)
0
50
100
150
200
250
300
0
250
500
750
1000
350
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - LR1108G-XX-AA3-A-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1108 UTC-LR1108 Datasheet
141Kb / 6P
   1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1108-12-AB3-A-R UTC-LR1108-12-AB3-A-R Datasheet
141Kb / 6P
   1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1108-12-AB3-C-R UTC-LR1108-12-AB3-C-R Datasheet
141Kb / 6P
   1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1108-12-AF5-R UTC-LR1108-12-AF5-R Datasheet
141Kb / 6P
   1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1108-18-AB3-A-R UTC-LR1108-18-AB3-A-R Datasheet
141Kb / 6P
   1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LR1108G-XX-AA3-A-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1108 UTC-LR1108 Datasheet
141Kb / 6P
   1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1801 UTC-LR1801 Datasheet
206Kb / 5P
   1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR2126 UTC-LR2126 Datasheet
210Kb / 7P
   1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR2126 UTC-LR2126_15 Datasheet
267Kb / 7P
   1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com