Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS431IBNTR-G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AS431IBNTR-G1
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431IBNTR-G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AS431IBNTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS431IBNTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS431IBNTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS431IBNTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431IBNTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431IBNTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431IBNTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431IBNTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS431IBNTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I
Aug. 2011 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
6
Electrical Characteristics
Operating Conditions: TA=25℃, unless otherwise specified.
Parameter
Test
Circuit
Symbol
Conditions
Min
Typ
Max
Unit
0.5%
2.487
2.500
2.512
Reference
Voltage
1.0%
4
VREF
VKA=VREF, IKA=10mA
2.475
2.500
2.525
V
0 to 70
oC
4.5
8
-40 to 85
oC
4.5
10
Deviation of
Reference Voltage
Over Full
Temperature Range
4
∆V
REF
VKA=VREF
IKA= 10mA
-40 to 125
oC
4.5
16
mV
∆V
KA=
10V to VREF
-1.0
-2.7
Ratio of Change in
Reference
Voltage to the
Change in
Cathode Voltage
5
∆V
REF
∆V
KA
IKA=10mA
∆V
KA=
36V to 10V
-0.5
-2.0
mV/V
Reference Current
5
IREF
IKA=10mA,R1=10kΩ,
R2=
0.035
0.5
µA
Deviation of
Reference Current
Over Full
Temperature Range
5
∆I
REF
IKA=10mA, R1=10kΩ,
R2=
∞, T
A=-40 to 125
oC
0.03
0.3
µA
Minimum Cathode
Current for
Regulation
4
IKA
(Min)
VKA=VREF
10
50
µA
Off-state Cathode
Current
6
IKA
(Off)
VKA=36V, VREF=0
0.05
1.0
µA
Dynamic Impedance
4
ZKA
VKA=VREF,
IKA=1 to 100mA, f≤1.0kHz
0.15
0.5
TO-92
68
SOT-89
70
Thermal Resistance
θ
JC
SOT-23
113
°C/W


Similar Part No. - AS431IBNTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431IBNTR-G1 BCDSEMI-AS431IBNTR-G1 Datasheet
439Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - AS431IBNTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I_12 Datasheet
439Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AS431I DIODES-AS431I Datasheet
448Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL431LL UTC-TL431LL Datasheet
148Kb / 6P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AP431S DIODES-AP431S Datasheet
524Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE250 DIODES-ZXRE250 Datasheet
407Kb / 14P
   VERY LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AP431I DIODES-AP431I Datasheet
445Kb / 17P
   LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com