Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS431IAZ-G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AS431IAZ-G1
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431IAZ-G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AS431IAZ-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS431IAZ-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS431IAZ-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS431IAZ-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS431IAZ-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431IAZ-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431IAZ-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431IAZ-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431IAZ-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I
Aug. 2011 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AS431I
-
Circuit Type
G1: Green
Voltage Tolerance
A: 0.5%
TR: Tape and Reel or Ammo
B: 1.0%
Blank: Bulk
Package
N: SOT-23
R: SOT-89
Z: TO-92
Package
Temperature
Range
Voltage
Tolerance
Part Number
Marking ID
Packing Type
0.5%
AS431IANTR-G1
GB9
Tape & Reel
SOT-23
-40 to 125℃
1.0%
AS431IBNTR-G1
GC9
Tape & Reel
0.5%
AS431IAZ-G1
AS431IAZ-G1
Bulk
0.5%
AS431IAZTR-G1
AS431IAZ-G1
Ammo
1.0%
AS431IBZ-G1
AS431IBZ-G1
Bulk
TO-92
-40 to 125℃
1.0%
AS431IBZTR-G1
AS431IBZ-G1
Ammo
0.5%
AS431IARTR-G1
G43J
Tape & Reel
SOT-89
-40 to 125℃
1.0%
AS431IBRTR-G1
G43K
Tape & Reel
BCD Semiconductor's products, as designated with "G1" suffix in the part number, are RoHS compliant and
Green.


Similar Part No. - AS431IAZ-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431IAZ-G1 BCDSEMI-AS431IAZ-G1 Datasheet
439Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - AS431IAZ-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I_12 Datasheet
439Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AS431I DIODES-AS431I Datasheet
448Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL431LL UTC-TL431LL Datasheet
148Kb / 6P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AP431S DIODES-AP431S Datasheet
524Kb / 17P
   LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE250 DIODES-ZXRE250 Datasheet
407Kb / 14P
   VERY LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AP431I DIODES-AP431I Datasheet
445Kb / 17P
   LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com