Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1122D Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR1122D
Description  LOW NOISE 200mA LDO REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1122D Datasheet(HTML) 3 Page - Unisonic Technologies

  LR1122D Datasheet HTML 1Page - Unisonic Technologies LR1122D Datasheet HTML 2Page - Unisonic Technologies LR1122D Datasheet HTML 3Page - Unisonic Technologies LR1122D Datasheet HTML 4Page - Unisonic Technologies LR1122D Datasheet HTML 5Page - Unisonic Technologies LR1122D Datasheet HTML 6Page - Unisonic Technologies LR1122D Datasheet HTML 7Page - Unisonic Technologies LR1122D Datasheet HTML 8Page - Unisonic Technologies LR1122D Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LR1122D
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-320.E
BLOCK DIAGRAM
+
-
Current Limit
Reference
Voltage
GND
VOUT
CE
VDD


Similar Part No. - LR1122D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122DG-12-AB3 UTC-LR1122DG-12-AB3 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122DG-12-AE5 UTC-LR1122DG-12-AE5 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122DG-12-AF5 UTC-LR1122DG-12-AF5 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122DG-15-AB3 UTC-LR1122DG-15-AB3 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
More results

Similar Description - LR1122D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
   Ultra-Low-Noise 200mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com