Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20H100C Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # MBR20H100C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

MBR20H100C Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button MBR20H100C_10 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited MBR20H100C_10 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited MBR20H100C_10 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited MBR20H100C_10 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited MBR20H100C_10 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited MBR20H100C_10 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited MBR20H100C_10 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited MBR20H100C_10 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited MBR20H100C_10 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100C
Data Sheet
10
BCD Semiconductor Manufacturing Limited
Mar. 2011 Rev. 1. 4
4.300(0.169)
0.450(0.018)
0.600(0.024)
2.540(0.100)
9.700(0.382)
10.300(0.406)
6.900(0.272)
7.100(0.280)
3.000(0.119)
3.400(0.134)
14.700(0.579)
16.000(0.630)
1.000(0.039)
1.400(0.055)
1.100(0.043)
1.500(0.059)
12.500(0.492)
13.500(0.531)
0.550(0.022)
0.900(0.035)
2.540(0.100)
3.000(0.119)
3.550(0.140)
3.370(0.133)
3.900(0.154)
2.350(0.093)
2.900(0.114)
4.900(0.193)
Mechanical Dimensions (Continued)
TO-220F-3
Unit: mm(inch)


Similar Part No. - MBR20H100C_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
   Dual High-Voltage Schottky Rectifiers
03-Sep-04
logo
Kersemi Electronic Co.,...
MBR20H100CT KERSEMI-MBR20H100CT Datasheet
487Kb / 7P
   SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 100 VOLTS
logo
Vishay Siliconix
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
   Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBR20H100CT VISHAY-MBR20H100CT Datasheet
707Kb / 6P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 08-Nov-07
logo
ON Semiconductor
MBR20H100CT ONSEMI-MBR20H100CT Datasheet
130Kb / 7P
   SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
More results

Similar Description - MBR20H100C_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com