Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62705-K199 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62705-K199
Description  Silicon Piezoresistive Relative Pressure Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62705-K199 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62705-K199 Datasheet HTML 1Page - Siemens Semiconductor Group Q62705-K199 Datasheet HTML 2Page - Siemens Semiconductor Group Q62705-K199 Datasheet HTML 3Page - Siemens Semiconductor Group Q62705-K199 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TO-8-6
Semiconductor Group
1
02.97
Silicon Piezoresistive
Relative Pressure Sensor
KPY 51-RK
KPY 57-RK
Features
• Low pressure and temperature hysteresis
• Fast response
• High sensitivity and linearity
• Fatigue free monocrystaline silicon diaphragm
giving high load cycle stability
• High long term stability
• Built in silicon temperature sensor
• Provided for further fabrication, protection cap
Type and
Marking
Symbol
Pressure Range
Unit
Ordering Code
KPY 51 RK
P
0 PN
0
… 0.25
bar
Q62705-K189
KPY 52 RK
0
… 0.6
Q62705-K190
KPY 53 RK
0
… 1.6
Q62705-K191
KPY 54 RK
0
… 4
Q62705-K193
KPY 55 RK
0
… 10
Q62705-K195
KPY 56 RK
0
… 25
Q62705-K197
KPY 57 RK
0
… 60
Q62705-K199
Pin Configuration
1
Capillary tube
2+
V
IN
3
V
OUT
4
Temperature sensor
(typ.
R
25 = 2 kΩ)
5
Temperature sensor
6
V
IN
7+
V
OUT
8
Not connected


Similar Part No. - Q62705-K199

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62705-K192 SIEMENS-Q62705-K192 Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
Q62705-K194 SIEMENS-Q62705-K194 Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
Q62705-K196 SIEMENS-Q62705-K196 Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
Q62705-K198 SIEMENS-Q62705-K198 Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
More results

Similar Description - Q62705-K199

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY41-R SIEMENS-KPY41-R Datasheet
70Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-R SIEMENS-KPY33-R Datasheet
94Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY51-R SIEMENS-KPY51-R Datasheet
119Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com