Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1117R-1.8TRE1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1117R-1.8TRE1
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1117R-1.8TRE1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1117R-1.8TRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1117R-1.8TRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1117R-1.8TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1117R-1.8TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1117R-1.8TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1117R-1.8TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1117R-1.8TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1117R-1.8TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1117R-1.8TRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
Jan. 2012 Rev. 2. 8
BCD Semiconductor Manufacturing Limited
1A LOW DROPOUT LINEAR REGULATOR
AZ1117
Data Sheet
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum
Ratings" for extended periods may affect device reliability.
Note 2: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical
specifications do not apply when operating the device outside of its operating ratings. The maximum allowable
power dissipation is a function of the maximum junction temperature, TJ(max), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient tem-
perature is calculated using: PD(max)=(TJ(max) -TA)/θJA. Exceeding the maximum allowable power dissipation will
result in excessive die temperature, and the regulator will go into thermal shutdown.
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Input Voltage
VIN
20
V
Operating Junction Temperature
TJ
150
oC
Storage Temperature
TS
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Thermal Resistance (No Heatsink, Note 2)
θJA
SOT-223
120
oC/W
SOT-89
165
TO-220-3
60
TO-252-2 (1)/TO-252-2 (2)/
TO-252-2 (3)/TO-252-2 (4)
100
TO-263-3
60
ESD (Human Body Model)
ESD
2000
V
ESD (Machine Model)
ESD
250
V
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
15
V
Operating Junction Temperature Range
TJ
-40
125
oC
Absolute Maximum Ratings (Note 1)


Similar Part No. - AZ1117R-1.8TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117R-1.8TRE1 BCDSEMI-AZ1117R-1.8TRE1 Datasheet
224Kb / 24P
   1A LOW DROPOUT LINEAR REGULATOR
AZ1117R-1.8TRE1 BCDSEMI-AZ1117R-1.8TRE1 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117R-1.8TRE1 DIODES-AZ1117R-1.8TRE1 Datasheet
554Kb / 32P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1117R-1.8TRE1

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com