Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1085T-3.3E1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1085T-3.3E1
Description  3A LOW DROPOUT LINEAR REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1085T-3.3E1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1085T-3.3E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1085T-3.3E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1085T-3.3E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1085T-3.3E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1085T-3.3E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ1085T-3.3E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ1085T-3.3E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZ1085T-3.3E1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AZ1085T-3.3E1 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
3A LOW DROPOUT LINEAR REGULATOR
AZ1085
Data Sheet
11
Sept. 2011 Rev. 1. 9
BCD Semiconductor Manufacturing Limited
Figure 15. Line Transient Response
Typical Performance Characteristics (Continued)
(Conditions: VIN=4.5V to 6.5V, VOUT=2.5V,
IOUT=200mA, CIN=1µF, COUT=10µF)
Time (200
µs/Div)
4.5
5.5
6.5
-20
0
20
40
3.5
2.5
Figure 14. Load Transient Response
(Conditions: VIN=5.5V, VOUT=2.5V, IOUT=100mA to 3A,
CIN=COUT=10µF)
Time (100
µs/Div)
0
1.5
3
-100
0
100
200
-1.5
0.1A
-3
0
20
40
60
80
100
120
60
62
64
66
68
70
72
74
76
78
80
Junction Temperature (
oC)
Figure12. Adjust Pin Current vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
80
78
76
74
72
70
68
66
64
62
60
Output Current (A)
Figure13. Adjust Pin Current vs. Output Current


Similar Part No. - AZ1085T-3.3E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1085T-3.3E1 BCDSEMI-AZ1085T-3.3E1 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1085T-3.3E1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com