Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10100CT-G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # MBR10100CT-G1
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

MBR10100CT-G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  MBR10100CT-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited MBR10100CT-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited MBR10100CT-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited MBR10100CT-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited MBR10100CT-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited MBR10100CT-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited MBR10100CT-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited MBR10100CT-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited MBR10100CT-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10100C
Mar. 2011 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings ( Per Diode Leg) (Note 1)
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Note 2: The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ <
1/
θJA.
Recommended Operating Conditions
Parameter
Symbol
Condition
Value
Unit
TO-220-3/
TO-220-3 (2)
3.0
θJC
Junction to Case
TO-220F-3
4.5
°C/W
TO-220-3/
TO-220-3 (2)
60
Maximum Thermal Resistance
θJA
Junction
to
Ambient
TO-220F-3
60
°C/W
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(Rated VR) TC=136°C
IF(AV)
5
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20kHz) TC=134°C
IFRM
10
A
Non Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Half Wave, Single Phase,
60Hz)
IFSM
100
A
Operating Junction Temperature Range (Note 2)
TJ
150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/
µs
ESD (Machine Model=C)
> 400
V
ESD (Human Body Model=3B)
> 8000
V


Similar Part No. - MBR10100CT-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR10100CT-G1 DIODES-MBR10100CT-G1 Datasheet
489Kb / 13P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10100CT-G1 DIODES-MBR10100CT-G1 Datasheet
517Kb / 13P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - MBR10100CT-G1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com