Electronic Components Datasheet Search |
|
LR1118L-XX-TQ2-C-R Datasheet(PDF) 5 Page - Unisonic Technologies |
|
LR1118L-XX-TQ2-C-R Datasheet(HTML) 5 Page - Unisonic Technologies |
5 / 8 page LR1118 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 5 of 8 www.unisonic.com.tw QW-R102-029,G ELECTRICAL CHARACTERISTICS (Cont.) For LR1118-2.5V PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT VIN=VOUT+1.5V, IOUT=10mA, TJ=25℃ 1% 2.475 2.5 2.525 V 2% 2.450 2.550 VIN =(VOUT+2V)~15V, IOUT=0 to 1A 2.450 2.5 2.550 V Line Regulation ΔVOUT VIN =(VOUT+2V)~15V, IOUT=0A 0.1 0.6 % Load Regulation VIN =VOUT+2V, IOUT=0 to 1A 2 3 % Temperature Stability 0.5 % Long Term Stability 1000 hrs, TJ=125℃ 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current ID VIN≤10V 5 10 mA Output Current IOUT VIN=VOUT+4.5V, TJ=25℃ 800 1500 mA Output Noise Voltage eN B=10Hz~10KHz, TJ=25℃ 100 μV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ=25℃ VIN=VOUT+2.5V, VRIPPLE=1VPP 60 75 dB Dropout Voltage VD IOUT= 100mA 0.16 0.25 V IOUT= 1A 0.56 0.70 Thermal Regulation TA=25℃, 30ms Pulse 0.01 0.10 %/W For LR1118-2.85V PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT VIN=VOUT+1.5V, IOUT=10mA, TJ=25℃ 1% 2.822 2.85 2.878 V 2% 2.793 2.907 VIN =(VOUT+2V)~15V, IOUT=0 to 1A 2.793 2.85 2.907 V Line Regulation ΔVOUT VIN =(VOUT+2V)~15V, IOUT=0A 0.1 0.6 % Load Regulation VIN =VOUT+2V, IOUT=0 to 1A 2 3 % Temperature Stability 0.5 % Long Term Stability 1000 hrs, TJ=125℃ 0.3 % Operating Input Voltage VIN IOUT=100mA 15 V Quiescent Current ID VIN≤10V 5 10 mA Output Current IOUT VIN=VOUT+4.5V, TJ=25℃ 800 1500 mA Output Noise Voltage eN B=10Hz~10KHz, TJ=25℃ 100 μV Supply Voltage Rejection SVR IOUT=40mA, f=120Hz, TJ=25℃ VIN=VOUT+2.5V, VRIPPLE=1VPP 60 75 dB Dropout Voltage VD IOUT= 100mA 0.132 0.35 V IOUT= 1A 0.828 0.91 Thermal Regulation TA=25℃, 30ms Pulse 0.01 0.10 %/W |
Similar Part No. - LR1118L-XX-TQ2-C-R |
|
Similar Description - LR1118L-XX-TQ2-C-R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |