Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1117-AL-XX-TQ2-A-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LD1117-AL-XX-TQ2-A-T
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1117-AL-XX-TQ2-A-T Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button LD1117-AL-XX-TQ2-A-T Datasheet HTML 3Page - Unisonic Technologies LD1117-AL-XX-TQ2-A-T Datasheet HTML 4Page - Unisonic Technologies LD1117-AL-XX-TQ2-A-T Datasheet HTML 5Page - Unisonic Technologies LD1117-AL-XX-TQ2-A-T Datasheet HTML 6Page - Unisonic Technologies LD1117-AL-XX-TQ2-A-T Datasheet HTML 7Page - Unisonic Technologies LD1117-AL-XX-TQ2-A-T Datasheet HTML 8Page - Unisonic Technologies LD1117-AL-XX-TQ2-A-T Datasheet HTML 9Page - Unisonic Technologies LD1117-AL-XX-TQ2-A-T Datasheet HTML 10Page - Unisonic Technologies LD1117-AL-XX-TQ2-A-T Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LD1117/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 15
www.unisonic.com.tw
QW-R102-006.AG
ELECTRICAL CHARACTERISTICS(Cont.)
For LD1117/A-2.85
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=4.85V, IOUT=10mA, TJ=25°C
2.793
2.850
2.907
V
Output Voltage
VOUT
VIN=4.25 to 10V
LD1117 : IOUT=0~800mA
LD1117A : IOUT=0~1000mA
2.793
2.850
2.907
V
Line Regulation
ΔVOUT VIN=4.25 to 10V, IOUT=0mA
1
6
mV
Load Regulation
ΔVOUT
VIN=4.25V
LD1117 : IOUT=0~800mA
LD1117A : IOUT=0~1000mA
1
10
mV
Temperature stability
ΔVOUT
0.5
%
Long Term Stability
ΔVOUT 1000 hrs, TJ=125°C
0.3
%
Operating Input Voltage
VIN
IOUT=100mA
15
V
Quiescent Current
IQ
VIN≤10V
5
10
mA
Current Limit
ILIMIT
VIN=7.85V, TJ=25°C
LD1117
800
mA
LD1117A
1000
Output Noise Voltage
eN
B=10Hz to 10KHz, TJ=25°C
100
μV
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ=25°C,
VIN=5.85V, VRIPPLE=1VPP
60
75
dB
Dropout Voltage
VD
IOUT=100mA
1.00
1.10
V
IOUT=500mA
1.15
1.25
IOUT=800mA
1.20
1.30
IOUT=1A
1.20
1.30
Thermal Regulation
TA=25°C, 30ms Pulse
0.01
0.10
%/W
For LD1117/A-3.0
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN=5V, IOUT=10mA, TJ=25°C
2.940
3.000
3.060
V
Output Voltage
VOUT
VIN=4.5 to 10V
LD1117 : IOUT=0~800mA
LD1117A : IOUT=0~1000mA
2.940
3.000
3.060
V
Line Regulation
ΔVOUT VIN=4.5 to 12V, IOUT=0mA
1
6
mV
Load Regulation
ΔVOUT
VIN=4.5V
LD1117 : IOUT=0~800mA
LD1117A : IOUT=0~1000mA
1
10
mV
Temperature stability
ΔVOUT
0.5
%
Long Term Stability
ΔVOUT 1000 hrs, TJ=125°C
0.3
%
Operating Input Voltage
VIN
IOUT=100mA
15
V
Quiescent Current
IQ
VIN≤15V
5
10
mA
Current Limit
ILIMIT
VIN=8V, TJ=25°C
LD1117
800
mA
LD1117A
1000
Output Noise Voltage
eN
B=10Hz to 10KHz, TJ=25°C
100
μV
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ=25°C,
VIN=6V, VRIPPLE=1VPP
60
75
dB
Dropout Voltage
VD
IOUT=100mA
1.00
1.10
V
IOUT=500mA
1.15
1.25
IOUT=800mA
1.20
1.30
IOUT=1A
1.20
1.30
Thermal Regulation
TA=25°C, 30ms Pulse
0.01
0.10
%/W


Similar Part No. - LD1117-AL-XX-TQ2-A-T

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
LD1117-ADJ TECHPUBLIC-LD1117-ADJ Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-ADJ TECHPUBLIC-LD1117-ADJ Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-ADJ TECHPUBLIC-LD1117-ADJ Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-ADJ TECHPUBLIC-LD1117-ADJ Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LD1117-AL-XX-TQ2-A-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLD1117A UTC-UTCLD1117A Datasheet
148Kb / 12P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR233 ETL-UR233 Datasheet
323Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117E UTC-LD1117E Datasheet
406Kb / 13P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2117A UTC-LD2117A Datasheet
364Kb / 11P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
UR233 UTC-UR233_11 Datasheet
293Kb / 10P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117 STMICROELECTRONICS-LD1117 Datasheet
473Kb / 38P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117ADT33 STMICROELECTRONICS-LD1117ADT33 Datasheet
730Kb / 24P
   Low drop fixed and adjustable positive voltage regulators
logo
E-Tech Electronics LTD
LD1117_A ETL-LD1117_A Datasheet
663Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117AXX STMICROELECTRONICS-LD1117AXX Datasheet
869Kb / 29P
   Low drop fixed and adjustable positive voltage regulators
logo
Unisonic Technologies
LD1117A UTC-LD1117A Datasheet
452Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com