Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR3965L-XX-TN3-A-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # LR3965L-XX-TN3-A-R
Description  1.5A LOW DROPOUT LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3965L-XX-TN3-A-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button LR3965L-XX-TN3-A-R Datasheet HTML 2Page - Unisonic Technologies LR3965L-XX-TN3-A-R Datasheet HTML 3Page - Unisonic Technologies LR3965L-XX-TN3-A-R Datasheet HTML 4Page - Unisonic Technologies LR3965L-XX-TN3-A-R Datasheet HTML 5Page - Unisonic Technologies LR3965L-XX-TN3-A-R Datasheet HTML 6Page - Unisonic Technologies LR3965L-XX-TN3-A-R Datasheet HTML 7Page - Unisonic Technologies LR3965L-XX-TN3-A-R Datasheet HTML 8Page - Unisonic Technologies LR3965L-XX-TN3-A-R Datasheet HTML 9Page - Unisonic Technologies LR3965L-XX-TN3-A-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LR3965
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R102-037.P
TYPICAL CHARACTERISTICS
01
23
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Input Voltage, VIN (V)
Output Voltage vs Input Voltage
IOUT=1.5A
IOUT=0mA
20 30 40 50 60 70 80 90 100 110120 130 140
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
Air Ambient Temperature(°С)
Ambient Temperature vs.
Output Voltage Change
0
200 400 600 800 1000 1200 1400 1600
0
50
100
150
200
250
300
350
400
Output Current, IOUT (mA)
Drop-Out Voltage vs. Load Current
Ground Pin Current vs. Input Voltage
23
45
6
50
100
150
200
250
300
Input Voltage,
VIN (V)
Line Transient
VOUT
VIN
CIN=COUT=10μF(Ceramic,Y5V)
LR3965-2.5V
2.7
2.5
2.3
5.0
4.0
3.0
IOUT=100mA
Line Transient
VOUT
VIN
CIN=COUT=10μF(Ceramic,Y5V)
LR3965-1.8V
2.0
1.8
1.6
5.0
4.0
3.0
IOUT=100mA
LR3965-2.5V


Similar Part No. - LR3965L-XX-TN3-A-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR3965L-12-AA3-D-R UTC-LR3965L-12-AA3-D-R Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
LR3965L-12-AA3-D-T UTC-LR3965L-12-AA3-D-T Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
LR3965L-12-AB3-D-R UTC-LR3965L-12-AB3-D-R Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
LR3965L-12-AB3-D-T UTC-LR3965L-12-AB3-D-T Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
LR3965L-12-TN3-D-R UTC-LR3965L-12-TN3-D-R Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LR3965L-XX-TN3-A-R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
   1.5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com