Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR6401 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LR6401
Description  DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR6401 Datasheet(HTML) 8 Page - Unisonic Technologies

  LR6401 Datasheet HTML 1Page - Unisonic Technologies LR6401 Datasheet HTML 2Page - Unisonic Technologies LR6401 Datasheet HTML 3Page - Unisonic Technologies LR6401 Datasheet HTML 4Page - Unisonic Technologies LR6401 Datasheet HTML 5Page - Unisonic Technologies LR6401 Datasheet HTML 6Page - Unisonic Technologies LR6401 Datasheet HTML 7Page - Unisonic Technologies LR6401 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LR6401
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-332.I
TYPICAL CHARACTERISTICS(Cont.)
0.5
1.0
0
Time (ms)
Load Transient Response (VOUT=3.3V)
CIN=COUT1=1μF
IOUT1=10mA~50mA
VIN=4.3V
-20
0
20
10
50
Load Transient Response (VOUT=3.3V)
CIN=COUT1=1μF
IOUT1=10mA~100mA
VIN=4.3V
0.5
1.0
0
Time (ms)
-50
0
50
10
100
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - LR6401

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR6401 UTC-LR6401 Datasheet
448Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401AG-AG6-R UTC-LR6401AG-AG6-R Datasheet
448Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401AL-AG6-R UTC-LR6401AL-AG6-R Datasheet
448Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401BG-AG6-R UTC-LR6401BG-AG6-R Datasheet
448Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401BL-AG6-R UTC-LR6401BL-AG6-R Datasheet
448Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
More results

Similar Description - LR6401

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR6401 UTC-LR6401_17 Datasheet
448Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
Advanced Power Electron...
APE8837 A-POWER-APE8837_16 Datasheet
666Kb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8837 A-POWER-APE8837_14 Datasheet
1Mb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8838 A-POWER-APE8838 Datasheet
207Kb / 7P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8837 A-POWER-APE8837 Datasheet
210Kb / 7P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9020 TSC-TS9020 Datasheet
396Kb / 6P
   200mA Dual Channel CMOS LDO with Enable Function
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8843 A-POWER-APE8843_16 Datasheet
67Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com