Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR3965L-XX-TN5-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR3965L-XX-TN5-T
Description  1.5A LOW DROPOUT LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3965L-XX-TN5-T Datasheet(HTML) 1 Page - Unisonic Technologies

  LR3965L-XX-TN5-T Datasheet HTML 1Page - Unisonic Technologies LR3965L-XX-TN5-T Datasheet HTML 2Page - Unisonic Technologies LR3965L-XX-TN5-T Datasheet HTML 3Page - Unisonic Technologies LR3965L-XX-TN5-T Datasheet HTML 4Page - Unisonic Technologies LR3965L-XX-TN5-T Datasheet HTML 5Page - Unisonic Technologies LR3965L-XX-TN5-T Datasheet HTML 6Page - Unisonic Technologies LR3965L-XX-TN5-T Datasheet HTML 7Page - Unisonic Technologies LR3965L-XX-TN5-T Datasheet HTML 8Page - Unisonic Technologies LR3965L-XX-TN5-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR3965
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R102-037.P
1.5A LOW DROPOUT LINEAR
REGULATOR
DESCRIPTION
The UTC LR3965 belonged to low-noise, low-dropout, linear
regulators operate from 2.25V to 6V input and are guaranteed to
deliver 1.5A. Wide range of preset output voltage options are
available. Built-in low on-resistance transistor provides low dropout
voltage and large output current. The UTC LR3965 is designed and
optimized for battery-powered systems to work with low noise.
The UTC LR3965 consumes less than 0.01μA in shutdown
mode. Other features include ultra low dropout voltage, current
limiting protection, thermal shutdown protection and high ripple
rejection ratio.
FEATURES
* 1.5A Guaranteed Output Current
* 0.01μA Shutdown Current
* 40mV Dropout at 150mA Load
* Low Temperature Coefficient
* Current Limiting Protection
* Thermal Shutdown Protection
* Excellent Line/Load Transient
* Sense Option Improves Load Regulation
ORDERING INFORMATION
Note: Pin Assignment: I:VIN O:VOUT G:GND S: SHDN
A: ADJ/SENSE/SS/POK
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1 2 3 4 5 6 7 8
LR3965L-xx-AB3-C-R
LR3965G-xx-AB3-C-R
SOT-89
G I O -
-
-
-
-
Tape Reel
LR3965L-xx-AA3-A-R
LR3965G-xx-AA3-A-R
SOT-223
G O I
-
-
-
-
-
Tape Reel
LR3965L-xx-AA3-D-R
LR3965G-xx-AA3-D-R
SOT-223
I G O -
-
-
-
-
Tape Reel
LR3965L-xx-TN3-A-R
LR3965G-xx-TN3-A-R
TO-252
G O I
-
-
-
-
-
Tape Reel
LR3965L-xx-TN3-A-T
LR3965G-xx-TN3-A-T
TO-252
G O I
-
-
-
-
-
Tube
LR3965L-xx-TN3-D-R
LR3965G-xx-TN3-D-R
TO-252
I G O -
-
-
-
-
Tape Reel
LR3965L-xx-TN3-D-T
LR3965G-xx-TN3-D-T
TO-252
I G O -
-
-
-
-
Tube
LR3965L-xx-TQ2-A-R
LR3965G-xx-TQ2-A-R
TO-263
G O I
-
-
-
-
-
Tape Reel
LR3965L-xx-TQ2-A-T
LR3965G-xx-TQ2-A-T
TO-263
G O I
-
-
-
-
-
Tube
LR3965L-xx-TQ2-D-R
LR3965G-xx-TQ2-D-R
TO-263
I G O -
-
-
-
-
Tape Reel
LR3965L-xx-TQ2-D-T
LR3965G-xx-TQ2-D-T
TO-263
I G O -
-
-
-
-
Tube
LR3965L-xx-TN4-R
LR3965G-xx-TN4-R
TO-252-4
S
I G O A -
-
-
Tape Reel
LR3965L-xx-TN4-T
LR3965G-xx-TN4-T
TO-252-4
S
I G O A -
-
-
Tube
LR3965L-xx-TN5-R
LR3965G-xx-TN5-R
TO-252-5
S
I G O A -
-
-
Tape Reel
LR3965L-xx-TN5-T
LR3965G-xx-TN5-T
TO-252-5
S
I G O A -
-
-
Tube
LR3965L-xx-TQ5-R
LR3965G-xx-TQ5-R
TO-263-5
S
I G O A -
-
-
Tape Reel
LR3965L-xx-TQ5-T
LR3965G-xx-TQ5-T
TO-263-5
S
I G O A -
-
-
Tube
LR3965L-xx-S08-R
LR3965G-xx-S08-R
SOP-8
S
I O A G G G G
Tape Reel
LR3965L-xx-S08-T
LR3965G-xx-S08-T
SOP-8
S
I O A G G G G
Tube


Similar Part No. - LR3965L-XX-TN5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR3965L-12-AA3-D-R UTC-LR3965L-12-AA3-D-R Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
LR3965L-12-AA3-D-T UTC-LR3965L-12-AA3-D-T Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
LR3965L-12-AB3-D-R UTC-LR3965L-12-AB3-D-R Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
LR3965L-12-AB3-D-T UTC-LR3965L-12-AB3-D-T Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
LR3965L-12-TN3-D-R UTC-LR3965L-12-TN3-D-R Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LR3965L-XX-TN5-T

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
   1.5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com