Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR18120 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR18120
Description  2A LOW DROPOUT REGULATOR WITH ENABLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR18120 Datasheet(HTML) 4 Page - Unisonic Technologies

  LR18120 Datasheet HTML 1Page - Unisonic Technologies LR18120 Datasheet HTML 2Page - Unisonic Technologies LR18120 Datasheet HTML 3Page - Unisonic Technologies LR18120 Datasheet HTML 4Page - Unisonic Technologies LR18120 Datasheet HTML 5Page - Unisonic Technologies LR18120 Datasheet HTML 6Page - Unisonic Technologies LR18120 Datasheet HTML 7Page - Unisonic Technologies LR18120 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LR18120
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-305.C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VPP, VIN
7
V
Power Dissipation
PD
Internally limited
Junction Temperature
TJ
150
°C
Ambient Operation Temperature
TOPR
-40~ +85
°C
Storage Temperature
TSTG
-65~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
VIN Voltage
VIN
1.4 ~5.5
V
VPP Voltage
VPP
4.5~5.5
V
Ambient Operation Temperature
TOPR
-40°C ≤TOPR ≤ +85°C
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
150
°C/W
Junction to Ambient
HSOP-8
θJA
143
°C/W
SOP-8
20
°C/W
Junction to Case
HSOP-8
θJC
14
°C/W
ELECTRICAL CHARACTERISTICS
VPP=5V, VIN =3.3V, VEN=VPP, IOUT =10mA, CIN=10µF, COUT =10µF, TA=TJ=25°C unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VIN
Input Voltage Range
VIN
1.4
5.5
V
Quiescent Current (Ground Current)
IQ
VOUT=2.5V
1
2
mA
VPP
VPP Voltage Range
VPP
4.5
5.5
V
IPPH
VOUT =2.5V
0.23
0.5
mA
VPP Current
IPPL
VEN=0V
36
60
μA
VOUT
Output Voltage (Internal Fixed Voltage)
VOUT
VIN= VOUT +0.5V, VOUT =2.5V
2.45
2.5
2.55
V
Line Regulation
OUT
IN
OUT
V
×
ΔV
ΔV
VIN=( VOUT +0.5V) ~ 5V
0.2
1
%
Load Regulation
ΔVOUT
10mA≤IOUT≤2A
0.2
1
%
Dropout Voltage
VD
IOUT=2A
250
320
mV
Short Circuit Current
1.4
A
VOUT Pull Low Resistance
VEN=0V
90
ADJ
Reference Voltage
VREF
VADJ= VOUT
0.788
0.8
0.812
V
Adjust Pin Current
IADJ
20
100
nA
Adjust Pin Threshold
0.15
0.2
0.25
V
VEN
VEN Pin Voltage High
VH(EN)
1.6
V
VEN Pin Voltage Low
VL(EN)
0.4
V
VEN Pin Bias Current
IBIAS(EN)
VEN=0V
12
40
μA
POK
VOUT Power OK Voltage
VTHPOK
92
%
Hysteresis
VHYPOK
7
%
Over Temperature Protection
Over Temperature
TOT
150
°C
Over Temperature Hysteresis
TOTHY
30
°C
Note: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.


Similar Part No. - LR18120

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-Tech Electronics LTD
LR18120 ETL-LR18120 Datasheet
380Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
318Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120XG-XX-S08-R UTC-LR18120XG-XX-S08-R Datasheet
384Kb / 9P
   2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120XG-XX-SH2-R UTC-LR18120XG-XX-SH2-R Datasheet
384Kb / 9P
   2A LOW DROPOUT REGULATOR WITH ENABLE
More results

Similar Description - LR18120

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
Global Mixed-mode Techn...
G962 GMT-G962 Datasheet
238Kb / 6P
   2A Low Dropout Regulator with Enable
logo
Eutech Microelectronics...
EUP7966 EUTECH-EUP7966 Datasheet
396Kb / 11P
   2A Low-Dropout Regulator with Enable
logo
E-Tech Electronics LTD
LR18120 ETL-LR18120 Datasheet
380Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G962 GMT-G962_07 Datasheet
533Kb / 11P
   2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_17 Datasheet
318Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G975 GMT-G975 Datasheet
154Kb / 1P
   2A Low Dropout Regulator with Enable
G966 GMT-G966 Datasheet
46Kb / 1P
   2A Low Dropout Regulator with Enable
G962 GMT-G962_15 Datasheet
75Kb / 1P
   2A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com