Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXXLD50 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LXXLD50
Description  0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LXXLD50 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button LXXLD50 Datasheet HTML 3Page - Unisonic Technologies LXXLD50 Datasheet HTML 4Page - Unisonic Technologies LXXLD50 Datasheet HTML 5Page - Unisonic Technologies LXXLD50 Datasheet HTML 6Page - Unisonic Technologies LXXLD50 Datasheet HTML 7Page - Unisonic Technologies LXXLD50 Datasheet HTML 8Page - Unisonic Technologies LXXLD50 Datasheet HTML 9Page - Unisonic Technologies LXXLD50 Datasheet HTML 10Page - Unisonic Technologies LXXLD50 Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LXXLD50
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 11
www.unisonic.com.tw
QW-R502-474.B
TYPICAL APPLICATION CIRCUIT
1. Using an Output Capacitor with ESR≥18mΩ
ADJ Mode
POK
EN
GND
ADJ
VOUT
VOUT
VIN
VCNTL
POK
EN
Enable
R3
1k
CCNTL
1µF
CIN
100µF
COUT
220µF
R1
1k
C1
33nF
R2
2k
VOUT
VIN
+1.5V
VCNTL
+5V
(in the range of 12 ~ 48nF)
7
8
2
4
3
5
1
6
Fixed Voltage Mode


Similar Part No. - LXXLD50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LXXLD50 UTC-LXXLD50 Datasheet
347Kb / 11P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD50 UTC-LXXLD50_16 Datasheet
347Kb / 11P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LXXLD50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LADLD30 UTC-LADLD30 Datasheet
220Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70 Datasheet
230Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD15 UTC-LXXLD15_14 Datasheet
233Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD50 UTC-LXXLD50_16 Datasheet
347Kb / 11P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD20 UTC-LXXLD20 Datasheet
250Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD20 UTC-LADLD20 Datasheet
254Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD10 UTC-LXXLD10 Datasheet
250Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD10 UTC-LADLD10 Datasheet
252Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD30 UTC-LXXLD30_16 Datasheet
250Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD70 UTC-LXXLD70_V01 Datasheet
267Kb / 8P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD30 UTC-LXXLD30 Datasheet
220Kb / 7P
   0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com