Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1118L-XX-TN3-A-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR1118L-XX-TN3-A-T
Description  LOW DROP POSITIVE VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1118L-XX-TN3-A-T Datasheet(HTML) 2 Page - Unisonic Technologies

  LR1118L-XX-TN3-A-T Datasheet HTML 1Page - Unisonic Technologies LR1118L-XX-TN3-A-T Datasheet HTML 2Page - Unisonic Technologies LR1118L-XX-TN3-A-T Datasheet HTML 3Page - Unisonic Technologies LR1118L-XX-TN3-A-T Datasheet HTML 4Page - Unisonic Technologies LR1118L-XX-TN3-A-T Datasheet HTML 5Page - Unisonic Technologies LR1118L-XX-TN3-A-T Datasheet HTML 6Page - Unisonic Technologies LR1118L-XX-TN3-A-T Datasheet HTML 7Page - Unisonic Technologies LR1118L-XX-TN3-A-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LR1118
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R102-029,G
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-223
12:1.2V
15:1.5V
18:1.8V
25:2.5V
2J:2.85V
30:3.0V
33:3.3V
36:3.6V
50:5.0V
12
3
LR1118
Voltage Code
Date Code
Pin Code
G: Halogen Free
L: Lead Free
TO-220
TO-252
TO-263
TO-263-3
BLOCK DIAGRAM
+
Current
Limit
Therml
Shut Down
Reference
Voltage
VCC
VCC
VCC
VOUT
GND
APPLICATION CIRCUIT


Similar Part No. - LR1118L-XX-TN3-A-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1118L-XX-TN3-A-T UTC-LR1118L-XX-TN3-A-T Datasheet
127Kb / 6P
   LOW DROP POSITIVE VOLTAGE REGULATORS
More results

Similar Description - LR1118L-XX-TN3-A-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1116 UTC-LR1116_15 Datasheet
236Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1116_B ETL-LR1116_B Datasheet
241Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LR1116 UTC-LR1116_12 Datasheet
285Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1118 UTC-LR1118 Datasheet
127Kb / 6P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116 UTC-LR1116_10 Datasheet
226Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116B UTC-LR1116B Datasheet
271Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1118 ETL-LR1118 Datasheet
260Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117AXX STMICROELECTRONICS-LD1117AXX Datasheet
869Kb / 29P
   Low drop fixed and adjustable positive voltage regulators
logo
Unisonic Technologies
LD1117A UTC-LD1117A Datasheet
452Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117 UTC-LD1117_12 Datasheet
385Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com