Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28S Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M28S
Description  AUDIO OUTPUT DRIVER AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M28S Datasheet(HTML) 2 Page - Unisonic Technologies

  M28S Datasheet HTML 1Page - Unisonic Technologies M28S Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M28S
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R201-015,Ca
ABSOLUTE MAXIMUM RATING (T
a=25°C,unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
1.25
A
Base Current
IB
0.4
mA
Power Dissipation
(Ta=25℃)
PD
850
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
a=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Voltage
VCBO
IC=0.1mA
40
V
Collector-Emitter Voltage
VCEO
IC=1mA
20
V
Emitter-Base Voltage
VEBO
IE=0.1mA
6
V
Collector Cutoff Current
ICBO
VCB=35V, IE=0
100
nA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0
100
nA
ON CHARACTERISTICS
hFE1
VCE=1V, IC=1mA
290
hFE2
VCE=1V, IC=0.1A
300
1000
hFE3
VCE=1V, IC=0.3A
300
DC Current Gain (Note)
hFE4
VCE=1V, IC=0.5A
300
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=600mA, IB=20mA
0.55
V
SMALL-SIGNAL CHARACTERISTICS
Current Gain Bandwidth Product
fT
VCE=10V, IC=50mA, f=1MHz
100
MHz
Output Capacitance
COB
VCB=10V, IE=0, f=1MHz
9
pF
CLASSIFICATION OF hFE2
RANK
B
C
D
RANGE
300-550
500-700
650-1000
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - M28S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M28S UTC-M28S Datasheet
86Kb / 2P
   AUDIO OUTPUT DRIVER AMPLIFIER
logo
Shenzhen Luguang Electr...
M28S LUGUANG-M28S Datasheet
1Mb / 2P
   NPN Silicon Epitaxial Planar Transistor
logo
Galaxy Semi-Conductor H...
M28S BILIN-M28S Datasheet
161Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
SHIKUES Electronics
M28S SKTECHNOLGY-M28S Datasheet
597Kb / 3P
   Excellent HFE Linearity, High DV current gain
logo
Dc Components
M28S DCCOM-M28S Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - M28S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M28S UTC-M28S_15 Datasheet
131Kb / 3P
   AUDIO OUTPUT DRIVER AMPLIFIER
M28S UTC-M28S Datasheet
86Kb / 2P
   AUDIO OUTPUT DRIVER AMPLIFIER
logo
STMicroelectronics
BC139 STMICROELECTRONICS-BC139 Datasheet
116Kb / 3P
   AUDIO OUTPUT AMPLIFIER
logo
NTE Electronics
NTE186 NTE-NTE186 Datasheet
20Kb / 2P
   Silicon Complementary Transistors General Purpose Output & Driver for Audio Amplifier
NTE2576 NTE-NTE2576 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Output Driver
logo
Toshiba Semiconductor
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
115Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235 UTC-2SC2235_09 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235 UTC-2SC2235_15 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE
logo
NTE Electronics
NTE373 NTE-NTE373 Datasheet
17Kb / 2P
   Silicon Complementary Transistors Audio Amplifier, Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com