Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3366 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M3366
Description  3-INPUT VIDEO SWITCH WITH 75廓 DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3366 Datasheet(HTML) 4 Page - Unisonic Technologies

  M3366 Datasheet HTML 1Page - Unisonic Technologies M3366 Datasheet HTML 2Page - Unisonic Technologies M3366 Datasheet HTML 3Page - Unisonic Technologies M3366 Datasheet HTML 4Page - Unisonic Technologies M3366 Datasheet HTML 5Page - Unisonic Technologies M3366 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M3366
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R124-002.Ba
ABSOLUTE MAXIMUM RATING (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
15
V
DIP-8
500
Power Dissipation
SOP-8
PD
300
mW
Operating Temperature
TOPR
-20~+75
°C
Storage Temperature
TSTG
-40~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V+=5V,TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Recommended Supply Voltage
V
+
4.75
13.0
V
Operating Current
ICC
S1=S2=S3=S4=S5=2
11.5
16.5
22.0
mA
Voltage Gain
Gv
Vin=2.0Vp-p, 100kHz, Vo/Vi,
RL=150Ω
-0.8
-0.3
+0.2
dB
Frequency Characteristic
Gf
Vin=2.0Vp-p,
Vo(10MHz)/Vo(100kHz), RL=150Ω
-1.0
+1.0
dB
Differential Gain
DG
Vin=2.0Vp-p, staircase, RL=150Ω
0.3
%
Differential Phase
DP
Vin=2.0Vp-p, staircase, RL=150Ω
0.3
deg.
Output Offset Voltage
Voff
S1=S2=S3=2, S5=1→2
Vo: voltage change
0
±30
mV
Crosstalk
CT
Vin=2.0Vp-p, 4.43MHz, Vo/Vi
-70
dB
VCH
All inside SW: ON
2.4
Switch Change Voltage
VCL
All inside SW: OFF
0.8
V
Note: Unless specified, tested with three mode below.
(a) S1=1, S2=S3=S4=S5=2 (b) S2=S4=1, S1=S3=S5=2 (c) S1=S2=2, S3=S5=1, S4=1 or 2


Similar Part No. - M3366

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M3366G-D08-T UTC-M3366G-D08-T Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
M3366G-S08-R UTC-M3366G-S08-R Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
M3366L-D08-T UTC-M3366L-D08-T Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
M3366 UTC-M3366_15 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
More results

Similar Description - M3366

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2244M-TE1 NJRC-NJM2244M-TE1 Datasheet
145Kb / 5P
   3-INPUT VIDEO SWITCH WITH 75 DRIVER
NJM2243 NJRC-NJM2243 Datasheet
200Kb / 5P
   3-INPUT VIDEO SWITCH WITH 75OHM DRIVER
NJM2244 NJRC-NJM2244 Datasheet
203Kb / 5P
   3-INPUT VIDEO SWITCH WITH 75OHM DRIVER?
logo
Unisonic Technologies
V2267 UTC-V2267_12 Datasheet
265Kb / 8P
   DUAL VIDEO 6dB AMPLIFIER WITH 75廓 DRIVER
logo
IC-Haus GmbH
IC-WE ICHAUS-IC-WE Datasheet
380Kb / 10P
   3-CHANNEL 75 廓 LINE DRIVER
logo
Sanyo Semicon Device
LA73060V SANYO-LA73060V Datasheet
399Kb / 10P
   Monolithic Linear IC Wideband 75廓 Video Driver
logo
New Japan Radio
NJM2235 NJRC-NJM2235 Datasheet
205Kb / 5P
   3-INPUT VIDEO SWITCH?
NJM2249 NJRC-NJM2249 Datasheet
193Kb / 4P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034 Datasheet
246Kb / 6P
   3-INPUT VIDEO SWITCH
logo
New Japan Radio
NJM2234 NJRC-NJM2234 Datasheet
204Kb / 5P
   3-INPUT VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com