Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3368 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M3368
Description  3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3368 Datasheet(HTML) 3 Page - Unisonic Technologies

  M3368 Datasheet HTML 1Page - Unisonic Technologies M3368 Datasheet HTML 2Page - Unisonic Technologies M3368 Datasheet HTML 3Page - Unisonic Technologies M3368 Datasheet HTML 4Page - Unisonic Technologies M3368 Datasheet HTML 5Page - Unisonic Technologies M3368 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M3368
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R124-003.Ba
PIN DESCRIPTION
PIN
NO.
PIN NAME
INSIDE EQUIVALENT CIRCUIT
PIN
NO.
PIN NAME
INSIDE EQUIVALENT CIRCUIT
1
VIN1
5
VIN3
(Mute)
2
SW1
200Ω
13kΩ
SW1
9kΩ
2kΩ
1.1mA
6
V
+
3
VIN2
7
VOUT
200Ω
VOUT
5mA
4
SW2
200Ω
13kΩ
SW2
9kΩ
2kΩ
1.1mA
8
GND
INPUT CONTROL SIGNAL-OUTPUT SIGNAL
SW1
SW2
OUTPUT SIGNAL
L
L
Vin 1
H
L
Vin 2
L/H
H
Vin 3
Note: Input clamp voltage is about 2/5 of supply voltage


Similar Part No. - M3368

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M3368G-D08-T UTC-M3368G-D08-T Datasheet
188Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
M3368G-S08-R UTC-M3368G-S08-R Datasheet
188Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
M3368G-S08-T UTC-M3368G-S08-T Datasheet
188Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
M3368L-D08-T UTC-M3368L-D08-T Datasheet
188Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
M3368L-S08-R UTC-M3368L-S08-R Datasheet
188Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
More results

Similar Description - M3368

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M3368 UTC-M3368_15 Datasheet
188Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
logo
New Japan Radio
NJM2245 NJRC-NJM2245 Datasheet
200Kb / 5P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
NJM2246 NJRC-NJM2246 Datasheet
200Kb / 5P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER?
logo
Unisonic Technologies
UTCM3368 UTC-UTCM3368 Datasheet
61Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
M3366 UTC-M3366_15 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
logo
New Japan Radio
NJM2265 NJRC-NJM2265 Datasheet
181Kb / 4P
   3-INPUT VIDEO SUPER IMPOSER WITH 6dB AMPLIFIER???
NJM2266 NJRC-NJM2266 Datasheet
178Kb / 4P
   3-INPUT VIDEO SUPER IMPOSER WITH 6dB AMPLIFIER????
logo
Unisonic Technologies
V2267 UTC-V2267_15 Datasheet
307Kb / 9P
   DUAL VIDEO 6dB AMPLIFIER
V2267 UTC-V2267 Datasheet
231Kb / 9P
   DUAL VIDEO 6dB AMPLIFIER
logo
New Japan Radio
NJM2267 NJRC-NJM2267 Datasheet
342Kb / 10P
   DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com