Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54123LK-G08-T Datasheet(PDF) 9 Page - Unisonic Technologies

Part # M54123LK-G08-T
Description  EARTH LEAKAGE CURRENT DETECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M54123LK-G08-T Datasheet(HTML) 9 Page - Unisonic Technologies

  M54123LK-G08-T Datasheet HTML 1Page - Unisonic Technologies M54123LK-G08-T Datasheet HTML 2Page - Unisonic Technologies M54123LK-G08-T Datasheet HTML 3Page - Unisonic Technologies M54123LK-G08-T Datasheet HTML 4Page - Unisonic Technologies M54123LK-G08-T Datasheet HTML 5Page - Unisonic Technologies M54123LK-G08-T Datasheet HTML 6Page - Unisonic Technologies M54123LK-G08-T Datasheet HTML 7Page - Unisonic Technologies M54123LK-G08-T Datasheet HTML 8Page - Unisonic Technologies M54123LK-G08-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
M54123L
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R122-001,D
TYPICAL CHARACTERISTICS(Cont.)
-50
2.5
100
75
50
25
0
-25
2
4.5
4
3.5
3
Operating Time vs. Ambient
Temperature
0.4
1.6
1.2
1
0.8
0.6
0
4
2
1.8
1.4
8
6
Os Voltage vs. Sc Voltage
SC Voltage, VSC (V)
Ambient Temperature, Ta °C
Ta=75°C
25°C
-25°C
06
4
3
2
1
0
-200
-100
7
5
-400
-300
OS Output Voltage, VOS (V)
Output Current vs. Os Output Votltage
-50
2
100
75
50
25
0
-25
0
10
8
6
4
Trip Voltage vs. Ambient Temperature
Ambient Temperature, Ta (°C)
Ta=-25°C
25°C
75°C
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - M54123LK-G08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M54123LK-G08-T UTC-M54123LK-G08-T Datasheet
248Kb / 9P
   EARTH LEAKAGE CURRENT DETECTOR
M54123LK-G08-T UTC-M54123LK-G08-T Datasheet
248Kb / 9P
   EARTH LEAKAGE CURRENT DETECTOR
More results

Similar Description - M54123LK-G08-T

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
   Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
   Earth Leakage Current Detector
logo
Unisonic Technologies
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
   EARTH LEAKAGE CURRENT DETECTOR
M54134 UTC-M54134_15 Datasheet
239Kb / 7P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Mitsubishi Electric Sem...
M54124L MITSUBISHI-M54124L Datasheet
162Kb / 6P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Unisonic Technologies
M54134 UTC-M54134 Datasheet
222Kb / 7P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Hynix Semiconductor
GL7101 HYNIX-GL7101 Datasheet
89Kb / 6P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Mitsubishi Electric Sem...
M54133FP MITSUBISHI-M54133FP Datasheet
119Kb / 12P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Unisonic Technologies
M54133 UTC-M54133_15 Datasheet
189Kb / 8P
   EARTH LEAKAGE CURRENT DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com