Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM63P636TQ200R Datasheet(PDF) 10 Page - Motorola, Inc

Part # MCM63P636TQ200R
Description  64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63P636TQ200R Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MCM63P636TQ200R Datasheet HTML 6Page - Motorola, Inc MCM63P636TQ200R Datasheet HTML 7Page - Motorola, Inc MCM63P636TQ200R Datasheet HTML 8Page - Motorola, Inc MCM63P636TQ200R Datasheet HTML 9Page - Motorola, Inc MCM63P636TQ200R Datasheet HTML 10Page - Motorola, Inc MCM63P636TQ200R Datasheet HTML 11Page - Motorola, Inc MCM63P636TQ200R Datasheet HTML 12Page - Motorola, Inc MCM63P636TQ200R Datasheet HTML 13Page - Motorola, Inc MCM63P636TQ200R Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
MCM63P636
10
MOTOROLA FAST SRAM
CAPACITANCE AND INDUCTANCE (See Notes 1, 2, and 3)
Pi D
i
i
TQFP
PBGA
Pi D
i
i
Capacitance (pF)
Inductance (nH)
Capacitance (pF)
Inductance (nH)
Pin Description
Min
Max
Min
Max
Min
Max
Min
Max
I/O Pins
5
7
2
10
5.5
7.5
2.5
4.5
Data Strobe Pins
5
7
2
10
5.5
7.5
2.5
4.5
Input Pins
3
5
2
10
3.5
5.5
2.5
4
ADS Pin
5
7
2
10
5.5
7.5
2.5
4.5
K and SK Pins
3.5
4.5
2
10
4
5
1.5
3
TCK Boundary Scan Pin
5
Boundary Scan Input Pins
8
TDO Boundary Scan Pin
8
NOTES:
1. Parameters are periodically sampled rather than 100% tested.
2. Capacitance variation part to part on the same pin is
± 0.25 pF.
3. Inductance variation part to part on the same pin is
± 1 nH.
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V ± 200 mV, Unless Otherwise Noted)
AC TEST CONDITIONS
Parameter
Value
Unit
Input Timing Reference Level
VDDQ/2
V
Input Pulse Levels
0 to 2.0
V
Input Rise/Fall Time (20 to 80%)
1
V/ns
Output Timing Reference Level
VDDQ/2
V
Die Temperature
TJ–250
TJ–225
TJ–200
115
115
115
°C
OUTPUT
RL
Figure 4. AC Output Test Load
Z0 = 50 Ω
1.0 V
Figure 5. Lumped Capacitive Load and Typical Derating Curve
(TBD)


Similar Part No. - MCM63P636TQ200R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P631 MOTOROLA-MCM63P631 Datasheet
229Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ100 MOTOROLA-MCM63P631ATQ100 Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ100R MOTOROLA-MCM63P631ATQ100R Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ117 MOTOROLA-MCM63P631ATQ117 Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63P636TQ200R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631 MOTOROLA-MCM63P631 Datasheet
229Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
   64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com