Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD210G-TM3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MJD210G-TM3-T
Description  PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJD210G-TM3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  MJD210G-TM3-T Datasheet HTML 1Page - Unisonic Technologies MJD210G-TM3-T Datasheet HTML 2Page - Unisonic Technologies MJD210G-TM3-T Datasheet HTML 3Page - Unisonic Technologies MJD210G-TM3-T Datasheet HTML 4Page - Unisonic Technologies MJD210G-TM3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MJD210
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2007 Unisonic Technologies Co., Ltd
QW-R213-001.C
PNP SILICON DPAK FOR
SURFACE MOUNT
APPLICATIONS
DESCRIPTION
The UTC MJD210 is designed for low voltage, low-power,
high-gain audio amplifier applications.
FEATURE
*Collector-Emitter Sustaining Voltage
VCEO(SUS) =-25V (Min) @ IC =-10mA
*High DC Current Gain
hFE =70 (Min) @ IC=-500mA
=45 (Min) @ IC=-2A
=10 (Min) @ IC=-5A
*Lead Formed for Surface Mount Applications in
Plastic Sleeves (No Suffix)
*Straight Lead Version in Plastic Sleeves (“-1” Suffix)
*Lead Formed Version in 16mm Tape and Reel
(“T4” Suffix)
*Low Collector – Emitter Saturation Voltage
VCE(SAT) = -0.3V (Max) @ IC =-500mA
= -0.75V (Max) @ IC = -2.0 A
*High Current-Gain-Bandwidth Product
fT = 65 MHz (Min) @ IC = -100 mA
*Annular Construction for Low Leakage
ICBO = -100 nA @ Rated VCB
TO-252
1
1
TO-251
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free Plating
Halogen Free
Package
1
2
3
Packing
MJD210L-TM3-T
MJD210G-TM3-T
TO-251
B
C
E
Tube
MJD210L-TN3-T
MJD210G-TN3-T
TO-252
B
C
E
Tube
MJD210L-TN3-R
MJD210G-TN3-R
TO-252
B
C
E
Tape Reel


Similar Part No. - MJD210G-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJD210G-TM3-T UTC-MJD210G-TM3-T Datasheet
209Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
More results

Similar Description - MJD210G-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJD210 UTC-MJD210_15 Datasheet
209Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
MJD210 UTC-MJD210 Datasheet
164Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
logo
ON Semiconductor
NJD1718 ONSEMI-NJD1718_13 Datasheet
113Kb / 5P
   PNP Silicon DPAK For Surface Mount Applications
October, 2013 ??Rev. 4
NJVNJD2873T4G ONSEMI-NJVNJD2873T4G Datasheet
111Kb / 5P
   NPN Silicon DPAK For Surface Mount Applications
June, 2012 ??Rev. 14
NJD2873T4 ONSEMI-NJD2873T4 Datasheet
50Kb / 6P
   NPN Silicon DPAK For Surface Mount Applications
August, 2004 ??Rev. 3
MJD243 ONSEMI-MJD243_07 Datasheet
98Kb / 8P
   Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJD2955 ONSEMI-MJD2955_06 Datasheet
78Kb / 6P
   Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
logo
Samsung semiconductor
MJD127 SAMSUNG-MJD127 Datasheet
194Kb / 3P
   PNP (D-PACK FOR SURFACE MOUNT APPLICATIONS)
logo
ON Semiconductor
MMBT6589T1 ONSEMI-MMBT6589T1 Datasheet
63Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Switching Transistor for Portable Applications
January, 2006 ??Rev. 1
logo
Micro Commercial Compon...
SK32AFL MCC-SK32AFL Datasheet
521Kb / 4P
   For Surface Mount Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com